Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3813 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3813
Description  100V Current Mode Synchronous Step-Up Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3813 Datasheet(HTML) 4 Page - Linear Technology

  LTC3813 Datasheet HTML 1Page - Linear Technology LTC3813 Datasheet HTML 2Page - Linear Technology LTC3813 Datasheet HTML 3Page - Linear Technology LTC3813 Datasheet HTML 4Page - Linear Technology LTC3813 Datasheet HTML 5Page - Linear Technology LTC3813 Datasheet HTML 6Page - Linear Technology LTC3813 Datasheet HTML 7Page - Linear Technology LTC3813 Datasheet HTML 8Page - Linear Technology LTC3813 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC3813
4
3813fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3813E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3813I is guaranteed to meet
performance specifications over the full –40°C to 125°C operating
temperature range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3813: TJ = TA + (PD • 100°C/W)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
0
2
μA
PG Delay
PGOOD Delay
VFB Falling
125
μs
VCC Regulators
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Rising
EXTVCC Hysteresis
l
6.4
0.1
6.7
0.25
0.5
V
V
VINTVCC,1
INTVCC Voltage from EXTVCC
10.5V < VEXTVCC < 15V
9.4
10
10.6
V
ΔVEXTVCC,1
VEXTVCC - VINTVCC at Dropout
ICC = 20mA, VEXTVCC = 9.1V
170
250
mV
ΔVLOADREG,1
INTVCC Load Regulation from EXTVCC
ICC = 0mA to 20mA, VEXTVCC = 12V
0.01
%
VINTVCC,2
INTVCC Voltage from NDRV Regulator
Linear Regulator in Operation
9.4
10
10.6
V
ΔVLOADREG,2
INTVCC Load Regulation from NDRV
ICC = 0mA to 20mA, VEXTVCC = 0
0.01
%
INDRV
Current into NDRV Pin
VNDRV – VINTVCC = 3V
20
40
60
μA
VCCSR
Maximum Supply Voltage
Trickle Charger Shunt Regulator
15
V
ICCSR
Maximum Current into NDRV/INTVCC
Trickle Charger Shunt Regulator,
INTVCC ≤ 16.7V (Note 8)
10
mA
The
l denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, INTVCC = DRVCC = VBOOST = VOFF = VRNG = SHDN = UVIN = VEXTVCC =
VNDRV = 10V, VSYNC = VSENSE+ = VSENSE= VBGRTN = VSW = 0V, unless otherwise specified.
Note 4: The LTC3813 is tested in a feedback loop that servos VFB to the
reference voltage with the ITH pin forced to a voltage between 1V and 2V.
Note 5: The dynamic input supply current is higher due to the power
MOSFET gate charging being delivered at the switching frequency
(QG • fSW).
Note 6: Guaranteed by design. Not subject to test.
Note 7: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 8: ICC is the sum of current into NDRV and INTVCC.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC3813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
More results

Similar Description - LTC3813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
   60V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5 Datasheet
356Kb / 28P
   60V Current Mode Synchronous Step-Up Controller
LTC3810 LINER-LTC3810 Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com