Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3811 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3811
Description  High Speed Dual, Multiphase Step-Down DC/DC Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3811 Datasheet(HTML) 1 Page - Linear Technology

  LTC3811 Datasheet HTML 1Page - Linear Technology LTC3811 Datasheet HTML 2Page - Linear Technology LTC3811 Datasheet HTML 3Page - Linear Technology LTC3811 Datasheet HTML 4Page - Linear Technology LTC3811 Datasheet HTML 5Page - Linear Technology LTC3811 Datasheet HTML 6Page - Linear Technology LTC3811 Datasheet HTML 7Page - Linear Technology LTC3811 Datasheet HTML 8Page - Linear Technology LTC3811 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
LTC3811
1
3811f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Speed Dual,
Multiphase Step-Down DC/DC
Controller
The LTC
®3811 is a dual, PolyPhase® synchronous step-
down switching regulator controller optimized for output
voltages up to 3.3V. The LTC3811 includes high bandwidth
error amplifiers as well as a high speed differential remote
sense amplifier. The sense voltage range is programmable
from 24mV to 85mV, allowing the use of either the inductor
DCR or a discrete sense resistor. Multiphase operation is
made possible using the MODE/SYNC input, the CLKOUT
output and the PHASEMODE control pin, allowing 1-, 2-,
3-, 4-, 6- or 12-phase operation.
Large internal gate drivers minimize switching losses and
allow the use of multiple power MOSFETs connected in
parallel for high current applications.
TheoperatingfrequencyoftheLTC3811canbeprogrammed
from 250kHz to 750kHz and can also be synchronized to
an external clock using the internal PLL.
Tracking and sequencing are possible with the LTC3811,
and soft-start is programmed with an external capacitor.
Shutdown reduces supply current to 20μA.
Dual Output, 2-Phase Tracking Core and I/O Supply
Fixed Frequency, Peak Current Mode Control
±0.5% Output Accuracy Over Temperature
Optimized for Low VOUT Applications (Up to 3.3V)
Dual or Single Output, Multiphase Operation
Wide VIN Range: 4.5V to 30V Operation
High Speed Differential Remote Sense Amplifier
Inductor DCR or Sense Resistor Capable
Adjustable Peak Current Sense Voltage:
24mV to 85mV
Very Low Duty Cycle Operation: tON(MIN) = 65ns (Typ)
Powerful Internal Gate Drivers
Output Voltage Soft-Start, Tracking and Sequencing
Programmable Load Line for Reduced COUT
Clock Input and Output for Up to 12-Phase Operation
Fixed Frequency Operation from 250kHz to 750kHz
PLL Synchronization from 150kHz Up to 900kHz
Selectable CCM or DCM Operation
Available in 5mm × 7mm QFN and G36 Packages
Network Servers
High Current ASIC Supplies
Low Voltage Power Distribution
, LT, LTC, LTM and PolyPhase are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 6304066, 5929620, 6177787, 6144194,
6580258, 5705919.
SS/TRACK1
SS/TRACK2
SGND
VIN
DRVCC
INTVCC
LTC3811
TG1
BOOST1
TG2
BOOST2
SW1
SW2
BG1
RUN1
RUN2
SENSE1+
SENSE1
SENSE2+
SENSE2
DIFF/IN+
DIFF/IN
DIFF/OUT
3811 TA01a
RNG1
VOUT2
1.5V
15A
VIN
4.5V TO 14V
RNG2
FB1
COMP1
FB2
COMP2
BG2
PGND
VOUT1
2V
15A
Load Step
20μs/DIV
3811 TA01b
VIN = 12V
VOUT = 2V
IOUT = 0A to 12.5A
VOUT
100mV/DIV
IL
5A/DIV


Similar Part No. - LTC3811

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
More results

Similar Description - LTC3811

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3860 LINER-LTC3860_15 Datasheet
446Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
LTC3860 LINER-LTC3860 Datasheet
451Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
LTC3861-1 LINER-LTC3861-1_15 Datasheet
1Mb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861 LINER-LTC3861_15 Datasheet
977Kb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861-1 LINER-LTC3861-1 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
Maxim Integrated Produc...
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com