Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3810IG-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3810IG-PBF
Description  100V Current Mode Synchronous Switching Regulator Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3810IG-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3810IG-PBF Datasheet HTML 6Page - Linear Technology LTC3810IG-PBF Datasheet HTML 7Page - Linear Technology LTC3810IG-PBF Datasheet HTML 8Page - Linear Technology LTC3810IG-PBF Datasheet HTML 9Page - Linear Technology LTC3810IG-PBF Datasheet HTML 10Page - Linear Technology LTC3810IG-PBF Datasheet HTML 11Page - Linear Technology LTC3810IG-PBF Datasheet HTML 12Page - Linear Technology LTC3810IG-PBF Datasheet HTML 13Page - Linear Technology LTC3810IG-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LTC3810
10
3810fb
BG (Pin 19): Bottom Gate Drive. The BG pin drives the
gate of the bottom N-channel synchronous switch MOSFET.
This pin swings from BGRTN to DRVCC.
BGRTN (Pin 20): Bottom Gate Return. This pin connects to
the source of the pull-down MOSFET in the BG driver and
is normally connected to ground. Connecting a negative
supply to this pin allows the synchronous MOSFET’s gate
to be pulled below ground to help prevent false turn-on
during high dV/dt transitions on the SW node. See the
Applications Information section for more details.
SENSE+, SENSE(Pin 25, Pin 21):
Current Sense Com-
parator Input. The (+) input to the current comparator is
normally connected to SW unless using a sense resistor.
The (–) input is used to accurately kelvin sense the bottom
side of the sense resistor or MOSFET.
SW (Pin 26): Switch Node Connection to Inductor and
Bootstrap Capacitor. Voltage swing at this pin is from a
Schottky diode (external) voltage drop below ground
to VIN.
TG (Pin 27): Top Gate Drive. The TG pin drives the gate of
the top N-channel synchronous switch MOSFET. The TG
driver draws power from the BOOST pin and returns to the
SW pin, providing true floating drive to the top MOSFET.
BOOST (Pin 28): Top Gate Driver Supply. The BOOST pin
supplies power to the floating TG driver. BOOST should
be bypassed to SW with a low ESR (X5R or better) 0.1μF
capacitor. An additional fast recovery Schottky diode from
DRVCC to the BOOST pin will create a complete floating
charge-pumped supply at BOOST.
PIN FUNCTIONS


Similar Part No. - LTC3810IG-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3810IUH-5 LINER-LTC3810IUH-5 Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810IUH-5-PBF LINER-LTC3810IUH-5-PBF Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810IUH-5-TR LINER-LTC3810IUH-5-TR Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810IUH-5-TRPBF LINER-LTC3810IUH-5-TRPBF Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
More results

Similar Description - LTC3810IG-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3703 LINER-LTC3703_15 Datasheet
453Kb / 34P
   100V Synchronous Switching Regulator Controller
LTC3703 LINER-LTC3703 Datasheet
490Kb / 32P
   100V Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5 Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3812-5 LINER-LTC3812-5_15 Datasheet
407Kb / 34P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3812-5 LINER-LTC3812-5 Datasheet
431Kb / 32P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5_15 Datasheet
536Kb / 38P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3813 LINER-LTC3813 Datasheet
449Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
logo
Linear Integrated Syste...
LTC3703HGN LINEAR-LTC3703HGN Datasheet
393Kb / 34P
   100V Synchronous Switching Regulator
LTC3703IGN LINEAR-LTC3703IGN Datasheet
393Kb / 34P
   100V Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com