Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3805EMSE-TR Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3805EMSE-TR
Description  Adjustable Frequency Current Mode Flyback DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3805EMSE-TR Datasheet(HTML) 1 Page - Linear Technology

  LTC3805EMSE-TR Datasheet HTML 1Page - Linear Technology LTC3805EMSE-TR Datasheet HTML 2Page - Linear Technology LTC3805EMSE-TR Datasheet HTML 3Page - Linear Technology LTC3805EMSE-TR Datasheet HTML 4Page - Linear Technology LTC3805EMSE-TR Datasheet HTML 5Page - Linear Technology LTC3805EMSE-TR Datasheet HTML 6Page - Linear Technology LTC3805EMSE-TR Datasheet HTML 7Page - Linear Technology LTC3805EMSE-TR Datasheet HTML 8Page - Linear Technology LTC3805EMSE-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3805
1
3805fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Adjustable Frequency
Current Mode Flyback
DC/DC Controller
The LTC®3805 is a current mode controller for flyback
DC/DC converters designed to drive an N-channel MOSFET
in high input and output voltage converter applications.
Operating frequency and slope compensation can be pro-
grammed by external resistors. Programmable overcurrent
sensing protects the converter from short-circuits. Soft-
start can be programmed using an external capacitor
and the soft-start capacitor also programs an automatic
restart feature.
The LTC3805 provides ±1.5% output voltage accuracy
and consumes only 360μA of quiescent current during
normal operation and only 40μA during micropower start-
up. Using a 9.5V internal shunt regulator, the LTC3805 can
be powered from a high VIN through a resistor or it can
be powered directly from a low impedance DC voltage of
9V or less.
The LTC3805 is available in the 10-lead MSOP package
and the 3mm × 3mm DFN package.
36V – 72V to 5V/2A Nonisolated Flyback Converter
VIN and VOUT Limited Only by External Components
Adjustable Slope Compensation
Adjustable Overcurrent Protection with Automatic
Restart
Adjustable Operating Frequency (70kHz to 700kHz)
with One External Resistor
Synchronizable to an External Clock
±1.5% Reference Accuracy
Current Mode Operation for Excellent Line and Load
Transient Response
RUN Pin with Precision Threshold and Adjustable
Hysteresis
Programmable Soft-Start with One External Capacitor
Low Quiescent Current: 360μA
Small 10-Lead MSOP and 3mm × 3mm DFN
Telecom Power Supplies
42V and 12V Automotive Power Supplies
Isolated Electronic Equipment
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
LTC3805
GND
ITH
RUN
GATE
OC
ISENSE
SSFLT
FS
FB
VCC
118k
3k
68mΩ
22μF
× 2
22μF
SYNC
1.33k
8.66k
221k
100k
VIN
36V TO
72V
VOUT
5V
AT 2A
13.7k
71.5k
100μF
× 2
3805 TA01a
0.1μF
20k
470pF
LOAD CURRENT (A)
0.01
0
20
30
40
50
60
70
0.1
1
3805 TA01b
80
90
100
10
1
0.1
10
10
VIN = 48V
LOSS
EFFICIENCY
Efficiency and Power Loss
vs Load Current; VO = 5V


Similar Part No. - LTC3805EMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805EMSE-5-TRMPBF LINER-LTC3805EMSE-5-TRMPBF Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805EMSE-5-TRPBF LINER-LTC3805EMSE-5-TRPBF Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
More results

Similar Description - LTC3805EMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com