Electronic Components Datasheet Search |
|
FD7415TLE-25.0M-PLE-T500 Datasheet(PDF) 1 Page - Pletronics, Inc. |
|
FD7415TLE-25.0M-PLE-T500 Datasheet(HTML) 1 Page - Pletronics, Inc. |
1 / 19 page Product information is current as of publication date. The product conforms Copyright © 2007, 2008, Pletronics Inc. to specifications per the terms of the Pletronics standard warranty. Production processsing does not necessarily include testing of all parameters. FD7T Series Multi-Output CMOS Clock Oscillator May 2008 • Pletronics’ FD7T Series is a quartz crystal controlled precision square wave generator with multiple independent CMOS outputs • Output frequencies from 12 KHz to 230 MHZ • Selectable low jitter or spread spectrum outputs. • Device characteristics may be either factory or field programmable • 1.8V, 2.5 or 3.3V LVCMOS outputs • 5 x 7 mm LCC Ceramic Package • Low power • This is a low cost, mass produced oscillator. • Tape and Reel or cut tape packaging is available. • The package is designed for high density surface mount designs Model Number PLLs Outputs FD77xxT 4 7 FD75xxT 3 5 FD74xxT 2 4 FD73xxT 1 3 Pletronics Inc. certifies this device is in accordance with the RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives. Pletronics Inc. guarantees the device does not contain the following: Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s Weight of the Device: 0.17 grams Moisture Sensitivity Level: 1 As defined in J-STD-020C Second Level Interconnect code: e4 Absolute Maximum Ratings: Parameter Unit V DD -0.5V to +2.5V V DDOUT -0.5V to +4.6V Vi Input Voltage -0.5V to V DD+ 0.5V Vo Output Voltage -0.5V to V DDOUT + 0.5V Io Continuous Output Current + _ 50 mA Tj Maximum Junction Temperature 125 oC Thermal Resistance, Junction to Case 50 oC/Watt |
Similar Part No. - FD7415TLE-25.0M-PLE-T500 |
|
Similar Description - FD7415TLE-25.0M-PLE-T500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |