Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3809EDD-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3809EDD-PBF
Description  No RSENSE?? Low EMI, Synchronous DC/DC Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3809EDD-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3809EDD-PBF Datasheet HTML 5Page - Linear Technology LTC3809EDD-PBF Datasheet HTML 6Page - Linear Technology LTC3809EDD-PBF Datasheet HTML 7Page - Linear Technology LTC3809EDD-PBF Datasheet HTML 8Page - Linear Technology LTC3809EDD-PBF Datasheet HTML 9Page - Linear Technology LTC3809EDD-PBF Datasheet HTML 10Page - Linear Technology LTC3809EDD-PBF Datasheet HTML 11Page - Linear Technology LTC3809EDD-PBF Datasheet HTML 12Page - Linear Technology LTC3809EDD-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC3809
9
3809fc
OPERATION (Refer to Functional Diagram)
The reverse current comparator RICMP senses the drain-to-
source voltage of the bottom external N-channel MOSFET.
This MOSFET is turned off just before the inductor current
reaches zero, preventing it from going negative.
In forced continuous operation, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined by the
voltage on the ITH pin. The P-channel MOSFET is turned
on every cycle (constant frequency) regardless of the ITH
pin voltage. In this mode, the efficiency at light loads is
lower than in Burst Mode operation. However, continuous
mode has the advantages of lower output ripple and no
noise at audio frequencies.
When the SYNC/MODE pin is clocked by an external
clock source to use the phase-locked loop (see Frequency
Selection and Phase-Locked Loop), or is set to a DC
voltage between 0.4V and several hundred mV below
VIN, the LTC3809 operates in PWM pulse-skipping mode
at light loads. In this mode, the current comparator
ICMP may remain tripped for several cycles and force
the external P-channel MOSFET to stay off for the same
number of cycles. The inductor current is not allowed
to reverse (discontinuous operation). This mode, like
forced continuous operation, exhibits low output ripple
as well as low audio noise and reduced RF interference as
compared to Burst Mode operation. However, it provides
low current efficiency higher than forced continuous
mode, but not nearly as high as Burst Mode operation.
During start-up or an undervoltage condition (VFB
0.54V), the LTC3809 operates in pulse-skipping mode
(no current reversal allowed), regardless of the state of
the SYNC/MODE pin.
Short-Circuit and Current Limit Protection
The LTC3809 monitors the voltage drop
ΔVSC (between
the GND and SW pins) across the external N-channel
MOSFET with the short-circuit current limit comparator.
The allowed voltage is determined by:
ΔVSC(MAX) = A • 90mV
where A is a constant determined by the state of the IPRG
pin. Floating the IPRG pin selects A = 1; tying IPRG to VIN
selects A = 5/3; tying IPRG to GND selects A = 2/3.
The inductor current limit for short-circuit protection is
determined by
ΔVSC(MAX) and the on-resistance of the
external N-channel MOSFET:
I
V
R
SC
SC MAX
DS ON
=
Δ
()
()
Once the inductor current exceeds ISC, the short current
comparator will shut off the external P-channel MOSFET
until the inductor current drops below ISC.
Output Overvoltage Protection
As further protection, the overvoltage comparator (OVP)
guards against transient overshoots, as well as other more
serious conditions that may overvoltage the output. When
the feedback voltage on the VFB pin has risen 13.33%
above the reference voltage of 0.6V, the external P-chan-
nel MOSFET is turned off and the N-channel MOSFET is
turned on until the overvoltage is cleared.


Similar Part No. - LTC3809EDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809EDD-1 LINER-LTC3809EDD-1 Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809EDD-1-PBF LINER-LTC3809EDD-1-PBF Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809EDD-1-TR LINER-LTC3809EDD-1-TR Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809EDD-1-TRPBF LINER-LTC3809EDD-1-TRPBF Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
More results

Similar Description - LTC3809EDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809 LINER-LTC3809_15 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC1700 LINER-LTC1700_15 Datasheet
206Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC1700 LINER-LTC1700 Datasheet
194Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3713 LINER-LTC3713 Datasheet
325Kb / 24P
   Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
LTC3713 LINER-LTC3713_15 Datasheet
290Kb / 24P
   Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com