Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3805EDD Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3805EDD
Description  Adjustable Frequency Current Mode Flyback DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3805EDD Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3805EDD Datasheet HTML 2Page - Linear Technology LTC3805EDD Datasheet HTML 3Page - Linear Technology LTC3805EDD Datasheet HTML 4Page - Linear Technology LTC3805EDD Datasheet HTML 5Page - Linear Technology LTC3805EDD Datasheet HTML 6Page - Linear Technology LTC3805EDD Datasheet HTML 7Page - Linear Technology LTC3805EDD Datasheet HTML 8Page - Linear Technology LTC3805EDD Datasheet HTML 9Page - Linear Technology LTC3805EDD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3805
6
3805fb
PIN FUNCTIONS
SSFLT (Pin 1): Soft-Start Pin. A capacitor placed from
this pin to GND (Exposed Pad) controls the rate of rise of
converter output voltage during start-up. This capacitor is
also used for time out after a fault prior to restart.
ITH (Pin 2): Error Amplifier Compensation Point. Normal
operating voltage range is clamped between 0.7V and
1.9V.
FB (Pin 3): Receives the feedback voltage from an external
resistor divider across the output.
RUN (Pin 4): An external resistor divider connects this pin
to VIN and sets the thresholds for converter operation.
FS (Pin 5): A resistor connected from this pin to ground
sets the frequency of operation.
SYNC (Pin 6): Input to synchronize the oscillator to an
external source.
ISENSE (Pin 7): Performs two functions: for current mode
control, it monitors the switch current, using the voltage
across an external current sense resistor. Pin 7 also injects
a current ramp that develops slope compensation voltage
across an optional external programming resistor.
OC (Pin 8): Overcurrent Pin. Connect this pin to the ex-
ternal switch current sense resistor. An additional resistor
programs the overcurrent trip level.
VCC (Pin 9): Supply Pin. A capacitor must closely decouple
VCC to GND (Exposed Pad).
GATE (Pin 10): Gate Drive for the External N-Channel
MOSFET. This pin swings from GND to VCC.
Exposed Pad (Pin 11): Ground. A capacitor must closely
decouple GND to VCC (Pin 9). Must be soldered to electri-
cal ground on PCB.


Similar Part No. - LTC3805EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805EDD-5-TRMPBF LINER-LTC3805EDD-5-TRMPBF Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805EDD-5-TRPBF LINER-LTC3805EDD-5-TRPBF Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
More results

Similar Description - LTC3805EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com