Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3805EDD-5-TRMPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3805EDD-5-TRMPBF
Description  Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3805EDD-5-TRMPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3805EDD-5-TRMPBF Datasheet HTML 6Page - Linear Technology LTC3805EDD-5-TRMPBF Datasheet HTML 7Page - Linear Technology LTC3805EDD-5-TRMPBF Datasheet HTML 8Page - Linear Technology LTC3805EDD-5-TRMPBF Datasheet HTML 9Page - Linear Technology LTC3805EDD-5-TRMPBF Datasheet HTML 10Page - Linear Technology LTC3805EDD-5-TRMPBF Datasheet HTML 11Page - Linear Technology LTC3805EDD-5-TRMPBF Datasheet HTML 12Page - Linear Technology LTC3805EDD-5-TRMPBF Datasheet HTML 13Page - Linear Technology LTC3805EDD-5-TRMPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3805-5
10
38055fa
OPERATION
First, consider operation without overcurrent protection.
For some maximum converter output current, the voltage
on the ITH pin rises to and is clamped at approximately 1.9V.
This corresponds to a 100mV limit on the voltage at the
ISENSE pin. As the output current is further increased, the
duty cycle is reduced as the output voltage sags. However,
the peak current in the external MOSFET is limited by the
100mV threshold at the ISENSE pin.
As the output current is increased further, eventually,
the duty cycle is reduced to the 6% minimum. Since the
external MOSFET is always turned on for this minimum
amount of time, the current comparator no longer limits
the current through the external MOSFET based on the
100mV threshold. If the output current continues to in-
crease, the current through the MOSFET could rise to a
level that would damage the converter.
To prevent damage, the overcurrent pin OC is also
connected to the current sense resistor, and a fault is
triggered if the voltage on the OC pin exceeds 100mV. To
protect itself, the converter stops operating as described
in the next section. External resistors can be used to ad-
just the overcurrent threshold to voltages higher or lower
than 100mV as described in the Applications Information
section.
Soft-Start and Fault Timeout Operation
The soft-start and fault timeout of the LTC3805-5 uses either
a fixed internal timer or an external timer programmed
by a capacitor from the SSFLT pin to GND. The internal
soft-start and fault timeout times are minimums and can
be increased by placing a capacitor from the SSFLT pin
to GND. Operation is shown in Figure 1.
Leave the SSFLT pin open to use the internal soft-start and
fault timeout. The internal soft-start is complete in about
1.8ms. In the event of an overcurrent as detected by the
OC pin exceeding 100mV, the LTC3805-5 shuts down and
an internal timing circuit waits for a fault timeout of about
4.25ms and then restarts the converter.
Add a capacitor CSS from the SSFLT pin to GND to increase
both the soft-start time and the time for fault timeout. Dur-
ing soft-start, CSS is charged with a 6μA current. When
the LTC3805-5 comes out of shutdown, the LTC3805-5
quickly charges CSS to about 0.7V at which point GATE
begins switching. From that point, GATE continues
switching with increasing duty cycle until the SSFLT pin
reaches about 2.25V at which point soft-start is over and
closed-loop regulation begins. The voltage on the SSFLT
pin additionally further charges to about 4.75V.
CSS also performs the timeout function in the event of a
fault. After a fault, CSS is slowly discharged from about
4.75V to about 0.7V by a 2μA current. When the voltage
on the SSFLT pin reaches 0.7V the converter attempts to
restart. More detail on programming the external soft-start
fault timeout is described in the Applications Information
section.
Powering the LTC3805-5
A built-in shunt regulator from the VCC pin to GND limits
the voltage on the VCC pin to approximately 9.5V as long
as the shunt regulator is not forced to sink more than
25mA. The shunt regulator is always active, even when
the LTC3805-5 is in shutdown, since it serves the vital
function of protecting the VCC pin from overvoltage. The
shunt regulator permits the use of a wide variety of power-
ing schemes for the LTC3805-5 even from high voltage
sources that exceed the LTC3805-5’s absolute maximum
ratings. Further details on powering schemes are described
in the Applications Information section.
Adjustable Slope Compensation
The LTC3805-5 injects a 10μA peak current ramp out of
its ISENSE pin which can be used, in conjunction with an
external resistor, for slope compensation in designs that
require it. This current ramp is approximately linear and
begins at zero current at 6% duty cycle, reaching peak
current at 80% duty cycle. Additional details are provided
in the Applications Information section.


Similar Part No. - LTC3805EDD-5-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805EDD-PBF LINER-LTC3805EDD-PBF Datasheet
207Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805EDD-TR LINER-LTC3805EDD-TR Datasheet
207Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805EDD-TRPBF LINER-LTC3805EDD-TRPBF Datasheet
207Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
More results

Similar Description - LTC3805EDD-5-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805 LINER-LTC3805 Datasheet
207Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com