Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3805IMSE-5-TRMPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3805IMSE-5-TRMPBF
Description  Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3805IMSE-5-TRMPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC3805IMSE-5-TRMPBF Datasheet HTML 1Page - Linear Technology LTC3805IMSE-5-TRMPBF Datasheet HTML 2Page - Linear Technology LTC3805IMSE-5-TRMPBF Datasheet HTML 3Page - Linear Technology LTC3805IMSE-5-TRMPBF Datasheet HTML 4Page - Linear Technology LTC3805IMSE-5-TRMPBF Datasheet HTML 5Page - Linear Technology LTC3805IMSE-5-TRMPBF Datasheet HTML 6Page - Linear Technology LTC3805IMSE-5-TRMPBF Datasheet HTML 7Page - Linear Technology LTC3805IMSE-5-TRMPBF Datasheet HTML 8Page - Linear Technology LTC3805IMSE-5-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3805-5
2
38055fa
ABSOLUTE MAXIMUM RATINGS
VCC to GND
Low Impedance Source ........................ –0.3V to 8.8V
Current Fed ........................................25mA into VCC*
SYNC ........................................................... –0.3V to 6V
SSFLT........................................................... –0.3V to 5V
FB, ITH, FS................................................. –0.3V to 3.5V
RUN ........................................................... –0.3V to 18V
OC, ISENSE .................................................... –0.3V to 1V
(Note 1)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTURNON
VCC Turn-On Voltage
VCC Rising
4.3
4.5
4.7
V
VTURNOFF
VCC Turn-Off Voltage
VCC Falling
3.75
3.95
4.15
V
VHYST
VCC Hysteresis
0.55
V
VCLAMP1mA
VCC Shunt Regulator Voltage
ICC = 1mA, VRUN = 0
8.8
9.25
9.65
V
VCLAMP25mA
VCC Shunt Regulator Voltage
ICC = 25mA, VRUN = 0
8.9
9.5
9.9
V
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V, unless otherwise noted (Note 2).
Operating Temperature Range
E-Grade................................................–40°C to 85°C
I-Grade............................................... –40°C to 125°C
Junction Temperature ........................................... 125°C
Storage Temperature Range...................–65°C to 125°C
Lead Temperature (Soldering, 10 sec)
LTC3805EMSE-5 Only....................................... 300°C
*LTC3805-5 internal clamp circuit regulates VCC voltage to 9.5V
TOP VIEW
DD PACKAGE
10-LEAD (3mm 3mm) PLASTIC DFN
10
11
9
6
7
8
4
5
3
2
1
GATE
VCC
OC
ISENSE
SYNC
SSFLT
ITH
FB
RUN
FS
TJMAX = 125°C, θJA = 45°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE CONNECTED TO GND
1
2
3
4
5
SSFLT
ITH
FB
RUN
FS
10
9
8
7
6
GATE
VCC
OC
ISENSE
SYNC
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
11
TJMAX = 125°C, θJA = 45°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE CONNECTED TO GND
PIN CONFIGURATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3805EMSE-5#TRMPBF
LTC3805EMSE-5#TRPBF
LTDGX
10-Lead Plastic MSOP
–40°C to 85°C
LTC3805IMSE-5#TRMPBF
LTC3805IMSE-5#TRPBF
LTDGX
10-Lead Plastic MSOP
–40°C to 125°C
LTC3805EDD-5#TRMPBF
LTC3805EDD-5#TRPBF
LDHB
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC3805IDD-5#TRMPBF
LTC3805IDD-5#TRPBF
LDHB
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION


Similar Part No. - LTC3805IMSE-5-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805 LINER-LTC3805 Datasheet
207Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805 LINER-LTC3805 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3805 LINER-LTC3805 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LTC3805 LINER-LTC3805 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LTC3805 LINER-LTC3805 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
More results

Similar Description - LTC3805IMSE-5-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805 LINER-LTC3805 Datasheet
207Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com