Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-30850 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-30850
Description  Encapsulated Multi-Purpose Audio Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-30850 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-30850 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
14
EE16POTT - 10/98
3000 V
RMS minimum Isolation
Longitudinal Balance is 60dB minimum
Frequency range: 300Hz to 3400Hz
Designed to meet FCC part 68
Materials used in construction of this
component meet or exceed UL Class B
and can operate up to 130oC
)
)
)
)
)
UNBAL.
Insertion
Frequency
Return
Pri.
Sec.
Part
Impedance
DC
Loss
Response
Loss
DCR max.
DCR max.
Schem.
Number
(Ohms)
(mA)
(dB)
(dB)
(dB)
(
Ω)(Ω)Style
T-30800
600 / 600
0.0
1.5
0.3
20
45
45
A
T-30801
600 / 600CT
0.0
1.5
0.3
20
45
45
B
T-30802
600CT / 600CT
0.0
1.5
0.3
20
45
45
C
T-30803
600 / 900
0.0
1.5
0.5
20
45
55
A
T-30804
900 / 900
0.0
1.5
0.5
20
55
55
A
Dry / High Performance
Electrical Specifications at 25OC
UNBAL.
Insertion
Frequency
Return
Pri.
Sec.
Part
Impedance
DC
Loss
Response
Loss
DCR max.
DCR max.
Schem.
Number
(Ohms)
(mA)
(dB)
(dB)
(dB)
(
Ω)(Ω)Style
T-30850
600 / 600
0.0
1.7
0.5
20
45
45
A
T-30851
600 / 600CT
0.0
1.7
0.5
20
45
45
B
T-30852
600CT / 600CT
0.0
1.7
0.5
20
45
45
C
T-30853
600 / 900
0.0
1.7
0.7
20
45
55
A
T-30854
900 / 900
0.0
1.7
0.7
20
55
55
A
Dry / Economy
Electrical Specifications at 25OC
Dimensions in Inches (mm)
Unused Pins Omitted
as Per Schematic
.025
(0.64)
TYP.
.148
(3.75)
.492
(12.50)
65
4
3
1
.705
(17.9)
.539
(13.7)
.024
(0.6)
.705
(17.9)
2
Encapsulated Multi-Purpose Audio Transformers
Ideal for a variety of Voice and Data interconnect network applications
1
3
6
5
4
1
3
6
4
Schematic
"A"
Schematic
"B"
1
2
3
6
5
4
Schematic
"C"
PRI
SEC.
PRI
SEC.
PRI
SEC.
1. Insertion Loss measured at 1 kHz.
2. Return Loss measured at 300 Hz.


Similar Part No. - T-30850

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-30805 RHOMBUS-IND-T-30805 Datasheet
31Kb / 1P
   Line Matching Transformer
More results

Similar Description - T-30850

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-35200 RHOMBUS-IND-T-35200 Datasheet
33Kb / 1P
   Miniature Multi-Purpose Audio Transformers
T-30700 RHOMBUS-IND-T-30700 Datasheet
42Kb / 1P
   High Isolation Multi-Purpose Audio Transformers
T-30000 RHOMBUS-IND-T-30000 Datasheet
35Kb / 1P
   Low Cost Multi-Purpose Audio Transformers
T-51100 RHOMBUS-IND-T-51100 Datasheet
30Kb / 1P
   Multi Purpose Transformers
T-50100 RHOMBUS-IND-T-50100 Datasheet
36Kb / 1P
   Multi-Purpose Single Transformers
logo
TT Electronics.
HM31 TTELEC-HM31 Datasheet
1Mb / 1P
   Encapsulated Encapsulated Encapsulated Current Sense Transformers
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
   AUDIO Transformers Digital Audio Transformers
logo
Bi technologies
HM31 BITECH-HM31 Datasheet
396Kb / 1P
   Encapsulated Current Sense Transformers
logo
List of Unclassifed Man...
HM31 ETC-HM31 Datasheet
62Kb / 3P
   Encapsulated Current Sense Transformers
logo
Rhombus Industries Inc.
T-30600 RHOMBUS-IND-T-30600 Datasheet
39Kb / 1P
   Multi-Purpose Voice & Data Coupling Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com