Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD7344TLE-25.0M-PLE-T500 Datasheet(PDF) 9 Page - Pletronics, Inc.

Part # FD7344TLE-25.0M-PLE-T500
Description  Multi-Output CMOS Clock Oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD7344TLE-25.0M-PLE-T500 Datasheet(HTML) 9 Page - Pletronics, Inc.

Back Button FD7344TLE-25.0M-PLE-T500 Datasheet HTML 5Page - Pletronics, Inc. FD7344TLE-25.0M-PLE-T500 Datasheet HTML 6Page - Pletronics, Inc. FD7344TLE-25.0M-PLE-T500 Datasheet HTML 7Page - Pletronics, Inc. FD7344TLE-25.0M-PLE-T500 Datasheet HTML 8Page - Pletronics, Inc. FD7344TLE-25.0M-PLE-T500 Datasheet HTML 9Page - Pletronics, Inc. FD7344TLE-25.0M-PLE-T500 Datasheet HTML 10Page - Pletronics, Inc. FD7344TLE-25.0M-PLE-T500 Datasheet HTML 11Page - Pletronics, Inc. FD7344TLE-25.0M-PLE-T500 Datasheet HTML 12Page - Pletronics, Inc. FD7344TLE-25.0M-PLE-T500 Datasheet HTML 13Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
FD7T Series Multi-Output
CMOS Clock Oscillator
May 2008
Item
Min
Max
Unit
Condition
www.pletronics.com
425-776-1880
9
Peak-to-Peak Jitter
(1)(2)
--
100
pS
1 PLL Switching
--
180
pS
4 PLLs Switching
Cycle-to-Cycle Jitter
(1)(2)
--
90
pS
1 PLL Switching
--
170
pS
4 PLLs Switching
Output Skew
--
60
pS
OUT1 to OUT2
--
160
pS
OUT3 to OUT7
LVCMOS Output Parameters for V
DDOUT = 2.5v
Output High, V
DDOUT = 2.5V
2.2
--
V
I
OH = -0.1 mA
1.7
--
V
I
OH = -6.0 mA
1.6
--
V
I
OH = -10.0 mA
Output Low, V
DDOUT = 2.5V
--
0.1
V
I
OH = +0.1 mA
--
0.5
V
I
OH = +6.0 mA
--
0.7
V
I
OH = +10.0 mA
Rise & Fall Time
--
0.6
nS
V
DDOUT = 2.5v, 20 - 80%, 10pF Load
Output Symmetry
45
55
%
at 50% point of V
DDOUT
Peak-to-Peak Jitter
(1)(2)
--
100
pS
1 PLL Switching
--
180
pS
4 PLLs Switching
Cycle-to-Cycle Jitter
(1)(2)
--
90
pS
1 PLL Switching
--
170
pS
4 PLLs Switching
Output Skew
--
60
pS
OUT1 to OUT2
--
160
pS
OUT3 to OUT7
LVCMOS Output Parameters for V
DDOUT = 1.8v
Output High, V
DDOUT = 1.8V
1.6
--
V
I
OH = -0.1 mA
1.4
--
V
I
OH = -3.0 mA
1.1
--
V
I
OH = -6.0 mA
Output Low, V
DDOUT = 1.8V
--
0.1
V
I
OH = +0.1 mA
--
0.3
V
I
OH = +3.0 mA
--
0.6
V
I
OH = +6.0 mA
Rise & Fall Time
--
0.9
nS
V
DDOUT = 1.8v, 20 - 80%, 10pF Load
Output Symmetry
45
55
%
at 50% point of V
DDOUT
Peak-to-Peak Jitter
(1)(2)
--
140
pS
1 PLL Switching
--
190
pS
4 PLLs Switching
Cycle-to-Cycle Jitter
(1)(2)
--
120
pS
1 PLL Switching
--
170
pS
4 PLLs Switching


Similar Part No. - FD7344TLE-25.0M-PLE-T500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FD7-10 ETC2-FD7-10 Datasheet
75Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
logo
TRIAD MAGNETICS
FD7-10 TRIAD-FD7-10 Datasheet
65Kb / 1P
   Chassis Mount: Quick Pack
logo
List of Unclassifed Man...
FD7-12 ETC2-FD7-12 Datasheet
75Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
logo
TRIAD MAGNETICS
FD7-12 TRIAD-FD7-12 Datasheet
65Kb / 1P
   Chassis Mount: Quick Pack
FD7-120 TRIAD-FD7-120 Datasheet
62Kb / 1P
   Chassis Mount: Quick Pack
More results

Similar Description - FD7344TLE-25.0M-PLE-T500

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com