Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54222IRUEVAL1Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL54222IRUEVAL1Z
Description  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54222IRUEVAL1Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL54222IRUEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54222IRUEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54222IRUEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54222IRUEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54222IRUEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54222IRUEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54222IRUEVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL54222IRUEVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL54222IRUEVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN6835.0
February 9, 2009
range of 1.8V to 3.3V the fault voltage will pass through to
the output of an active switch channel. During the fault
condition normal operation is not guaranteed until the fault is
removed. See the “USB 2.0 VBUS Short Requirements”
section below.
The HS1 channel switches are active (turned ON) whenever
the SEL voltage is Logic ”0” (Low) and the OE voltage is
Logic ”0”(Low).
The HS2 channel switches are active (turned ON) whenever
the SEL voltage is Logic “1” (High) and the OE voltage is
Logic “0” (Low).
ISL54222 Operation
The following will discuss using the ISL54222 shown in the
“Application Block Diagram” on page 7.
POWER
The power supply connected at the VDD pin provides the DC
bias voltage required by the ISL54222 part for proper
operation. The ISL54222 can be operated with a VDD
voltage in the range of 1.8V to 3.3V.
A 0.01µF or 0.1µF decoupling capacitor should be
connected from the VDD pin to ground to filter out any power
supply noise from entering the part. The capacitor should be
located as close to the VDD pin as possible.
LOGIC CONTROL
The state of the ISL54222 device is determined by the
voltage at the SEL pin and the OE pin. SEL is only active
when the OE pin is Logic “0” (Low). Refer to the “Truth Table”
on page 2.
The ISL54222 logic pins are designed to minimize current
consumption when the logic control voltage is lower than the
VDD supply voltage. With VDD = 3.3V and logic pins at 1.4V
the part typically draws only 35µA of IDD current. With
VDD = 1.8V and logic pins at 1.4V the part typically draws
only 6µA of IDD current. Driving the logic pins to the VDD
supply rail minimizes power consumption.
The logic pins must be held High or Low and must not float.
Logic Control Voltage Levels
With VDD supply voltage in the range of 1.8V to 3.3V the
logic levels are:
OE = Logic “0” (Low) when VOE 0.5V
OE = Logic “1” (High) when VOE 1.4V
SEL = Logic “0” (Low) when VSEL 0.5V
SEL = Logic “1” (High) when VSEL 1.4V
HSD1 USB Channel
If the SEL pin = Logic “0” and the OE pin = Logic “0”,
high-speed Channel 1 will be ON. The HSD1- and HSD1+
switches are ON and the HSD2- and HSD2+ switches are
OFF (high impedance).
When a computer or USB hub is plugged into the common
USB connector and Channel 1 is active, a link will be
established between the USB 1 transceiver section of the
media player and the computer. The device will be able to
transmit and receive data from the computer.
HSD2 USB Channel
If the SEL pin = Logic “1” and the OE pin = Logic “0”,
high-speed Channel 2 will be ON. The HSD2- and HSD2+
switches are ON and the HSD1- and HSD1+ switches are
OFF (high impedance).
When a USB cable from a computer or USB hub is
connected at the common USB connector and Channel 2 is
active, a link will be established between the USB 2
transceiver section of the media player and the computer.
The device will be able to transmit and receive data from the
computer.
All Switches OFF Mode
If the SEL pin = Logic “0” or Logic “1” and the OE pin =
Logic “1”, all of the switches will turn OFF (high impedance).
The “All OFF” state can be used to switch between the two
USB sections of the media player. When switching from one
USB transceiver section to the other USB transceiver
section, you can momentarily put the ISL54222 switch in the
“ALL OFF” state, in order to get the computer to disconnect
from the current USB section, so it can properly connect to
the other USB transceiver section when that channel is
turned ON.
USB 2.0 VBUS Short Requirements
The USB 2.0 specification in chapter 7, section 7.1.1 states
a USB device must be able to withstand a VBUS short to the
D+ or D- signal lines when the device is either powered off or
powered on for at least 24 hours. The ISL54222 part has
special fault protection circuitry to meet these short circuit
requirements.
The fault protection circuitry allows the signal pins (D-, D+,
HSD1-, HSD1+, HSD2-, HSD2+) to be driven up to 5.5V
while the VDD supply voltage is in the range of 0V to 3.3V. In
this overvoltage condition the part draws < 300µA of IDD
current and causes no stress/damage to the IC.
In addition when VDD is at 0V (ground), all switches are OFF
and the shorted VBUS voltage is isolated from the other side
of the switch.
When VDD is in the range of 1.8V to 3.3V, the shorted VBUS
voltage will pass through to the output of an active (turned
ON) switch channel but not through a turned OFF channel.
Any components connected on the active channel must be
able to withstand the overvoltage condition.
Note: During the fault condition normal operation of the USB
channel is not guaranteed until the fault condition is
removed.
ISL54222


Similar Part No. - ISL54222IRUEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54222IRUEVAL1Z INTERSIL-ISL54222IRUEVAL1Z Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

Similar Description - ISL54222IRUEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com