Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3773EG-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3773EG-TRPBF
Description  Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3773EG-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3773EG-TRPBF Datasheet HTML 1Page - Linear Technology LTC3773EG-TRPBF Datasheet HTML 2Page - Linear Technology LTC3773EG-TRPBF Datasheet HTML 3Page - Linear Technology LTC3773EG-TRPBF Datasheet HTML 4Page - Linear Technology LTC3773EG-TRPBF Datasheet HTML 5Page - Linear Technology LTC3773EG-TRPBF Datasheet HTML 6Page - Linear Technology LTC3773EG-TRPBF Datasheet HTML 7Page - Linear Technology LTC3773EG-TRPBF Datasheet HTML 8Page - Linear Technology LTC3773EG-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC3773
4
3773fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3773 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the – 40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. TJ is calculated from the ambient
temperature TA and power dissipation PD according to the following
formula.
LTC3773EG: TJ = TA + (PD x 95°C/W)
LTC3773EUHF: TJ = TA + (PD x 34°C/W)
Note 3: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 4: The IC is tested in a feedback loop that adjusts VFB to achieve a
specified error amplifier output voltage (VITH).
Note 5: Guaranteed by design, not subject to test.
Note 6: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 7: RDS(ON) limit is guaranteed by design and/or correlation to static
test.
Note 8: The minimum on-time condition corresponds to an inductor
peak-to-peak ripple current of ≥40% of IMAX (see minimum on-time
considerations in the Applications Information section).
(Note 3) The denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VCC = VDR = VBOOST = VSDB = 5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Good Output Indication
VPGL
PGOOD Voltage Output Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Output Leakage
VPGOOD = 5V
1
μA
VPGTHNEG
VPGTHPOS
PGOOD Trip Thresholds
VFB Ramping Negative
VFB Ramping Positive
VFB with Respect to 0.6V Reference
PGOOD Goes Low After VPGDLY Delay
–7
7
–10
10
–13
13
%
%
VPGDLY
PGOOD Delay
100
150
μs
Oscillator and Phase-Locked Loop
fNOM
Nominal Frequency
VPLLFLTR Open
360
400
440
kHz
fLOW
Low Frequency
VPLLFLTR = 0V
190
220
250
kHz
fHIGH
High Frequency
VPLLFLTR = 5V
510
560
630
kHz
fPLLLOW
PLLIN Minimum Input Frequency
160
200
kHz
fPLLHIGH
PLLIN Maximum Input Frequency
540
700
kHz
VLO
VFLOAT
VHI
PLLIN/FC, PHASEMD, PLLFLTR
Logic Input
Low Level Input Voltage
Floating Voltage
High Level Input Voltage
1.0
1.6
3.0
V
V
V
VPLLIN
PLLIN Synchronization Input Threshold
1
V
IPLLFLTR
Phase Detector Output Current
Sinking Capability
Sourcing Capability
VPLLFLTR = 1.5V
fPLLIN < fOSC
fPLLIN > fOSC
25
–25
μA
μA
PRELPHS
Controller 2 - Controller 1 Phase
Controller 3 - Controller 1 Phase
PHASEMD Floats or VPHASEMD = 0V
120
240
Deg
Deg
Controller 2 - Controller 1 Phase
Controller 3 - Controller 1 Phase
VPHASEMD = 5V
90
270
Deg
Deg
CLKOUT
Controller 1 TG to CLKOUT Phase
PHASEMD Floats
VPHASEMD = 0V
VPHASEMD = 5V
0
60
180
Deg
Deg
Deg


Similar Part No. - LTC3773EG-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3773 LINER-LTC3773 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3773 LINER-LTC3773_15 Datasheet
479Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
More results

Similar Description - LTC3773EG-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3773 LINER-LTC3773_15 Datasheet
479Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3829 LINER-LTC3829 Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com