Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3773 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3773
Description  Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3773 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3773 Datasheet HTML 7Page - Linear Technology LTC3773 Datasheet HTML 8Page - Linear Technology LTC3773 Datasheet HTML 9Page - Linear Technology LTC3773 Datasheet HTML 10Page - Linear Technology LTC3773 Datasheet HTML 11Page - Linear Technology LTC3773 Datasheet HTML 12Page - Linear Technology LTC3773 Datasheet HTML 13Page - Linear Technology LTC3773 Datasheet HTML 14Page - Linear Technology LTC3773 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC3773
11
3773fb
PLLIN/FC (Pin 20/Pin 17): Synchronization Input to the
Phase Detector and Forced Continuous Control Input.
When floating, it sits around 1.6V, and the controller enters
discontinuous mode operation at light load. Shorting this
pin low or high for more than 20μs enables Burst Mode
operation or forced continuous current mode operation,
respectively. During frequency synchronization, the phase
locked loop will force the controller to operate in continu-
ous mode and the rising top gate signal of controller 1 to
be synchronized with the rising edge of the PLLIN signal.
When synchronization is not required, it is advisable to
bypass the PLLIN/FC pin with a 1000pF capacitor to avoid
noise coupling.
CLKOUT (Pin 18 UHF Only): CLK Output. Output clock
signal available to synchronize other controller ICs for
additional MOSFET controller stages/phases.
BG3 (Pin 21/Pin 19): Channel 3 Bottom Gate Drive. See
BG1.
PGND (Pin 22/Pin 39): Driver’s Power Ground. This pin
connects directly to the sources of the bottom N-channel
external MOSFETs and the (–) terminals of CIN.Thebackside
exposed pad (QFN) must be soldered to PCB ground.
VDR (Pin 23/Pin 20): Driver Supply. Provides supply to the
drivers for the bottom gates. Also used for charging the
bootstrap capacitors. This pin needs to be very carefully
and closely decoupled to the IC’s PGND pin. If the VDR
potential is lower than VCC potential by 1V, the drivers
will be disabled.
BG2 (Pin 24/Pin 21): Channel 2 Bottom Gate Drive. See
BG1.
BG1 (Pin 25/Pin 22): Channel 1 Bottom Gate Drive. Drives
the gate of the bottom N-channel MOSFET between ground
and VDR.
SW3 (Pin 26/Pin 23): Channel 3 Switching Node. See
SW1.
TG3 (Pin 27/Pin 24): Channel 3 Top Gate Drive. See
TG1.
BOOST3 (Pin 28/Pin 25): Channel 3 Top Gate Driver Sup-
ply. See BOOST1.
BOOST2 (Pin 29/Pin 26): Channel 2 Top Gate Driver Sup-
ply. See BOOST1.
TG2 (Pin 30/Pin 27): Channel 2 Top Gate Drive. See TG1.
SW2 (Pin 31/Pin 28): Channel 2 Switching Node.
See SW1.
SW1 (Pin 32/Pin 29): Channel 1 Switching Node. The (–)
terminal of the bootstrap capacitor connects here. This
pin swings from a Schottky diode (external) voltage drop
below ground to VIN (where VIN is the external MOSFET
supply rail).
TG1 (Pin 33/Pin 30): Channel 1 Top Gate Drive. The TG1
pin drives the top N-channel MOSFET with a voltage
swing equal to VDR superimposed on the switch node
voltage SW.
BOOST1 (Pin 34/Pin 31): Channel 1 Top Gate Driver Supply.
The (+) terminal of the bootstrap capacitor connects here.
This pin swings from approximately VDR up to VIN + VDR
(where VIN is the external MOSFET supply rail).
PGOOD (Pin 35/Pin 32): Open Drain Power Good Output.
This open-drain output is pulled low during shutdown or
when any of the three output voltages has been outside
the PGOOD tolerance window for more than 100μs.
PHASEMD (Pin 36/Pin 33): Phase Select Input. This pin
controls the phase relationship between controller 1,
controller 2, controller 3 and CLKOUT. When PHASEMD
is floating, its value is around 1.6V, the three channels
switch 120° out of phase, and CLKOUT synchronizes to
the rising edge of TG1. When PHASEMD is grounded,
TG1 leads CLKOUT by 60°. When PHASEMD is shorted
to VCC, TG1 leads TG2, TG3, and CLKOUT by 90°, 270°
and 180°, respectively.
PIN FUNCTIONS (G/UHF)


Similar Part No. - LTC3773

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3773 LINER-LTC3773 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3773 LINER-LTC3773_15 Datasheet
479Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
More results

Similar Description - LTC3773

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3773 LINER-LTC3773_15 Datasheet
479Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3829 LINER-LTC3829 Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com