Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3773 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3773
Description  Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3773 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3773 Datasheet HTML 6Page - Linear Technology LTC3773 Datasheet HTML 7Page - Linear Technology LTC3773 Datasheet HTML 8Page - Linear Technology LTC3773 Datasheet HTML 9Page - Linear Technology LTC3773 Datasheet HTML 10Page - Linear Technology LTC3773 Datasheet HTML 11Page - Linear Technology LTC3773 Datasheet HTML 12Page - Linear Technology LTC3773 Datasheet HTML 13Page - Linear Technology LTC3773 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC3773
10
3773fb
SENSE1+ (Pin 1/Pin 34): The (+) Input to the Channel 1
Differential Current Comparator. The ITH1 pin voltage and
controlled offsets between the SENSE1and SENSE1+
pins in conjunction with RSENSE set the channel 1 current
trip threshold.
SENSE1(Pin 2/Pin 35):
The (–) Input to the Channel 1
Differential Current Comparator.
SDB/SDB1, SDB2, SDB3 (Pin 3/Pins 36, 37, 38): Shut-
down, Active Low. For G package, SDB1, SDB2 and SDB3
are shorted at the SDB pin. The power up thresholds for
channel 1, 2 and 3 are set at 1.2V, 1.8V and 2.4V respec-
tively. By pulling the SDB1, SDB2 and SDB3 pins below
0.4V, the IC is put into low current shutdown mode (IVCCQ
<30μA). There is a 0.5μA pull-up current at each SDB pin.
An external capacitor can be added at this pin to provide
power up delay.
TRACK1 (Pin 4/Pin 1): Channel 1 Tracking Input. TRACK1
is used for tracking multiple LTC3773s. See the Startup
Tracking application. To disable this feature, float this pin
or tie it to VCC. TRACK1 provides a 1μA pull-up current.
An external capacitor can be added at this pin to provide
soft-start. During startup or output short-circuit condition,
if the potential at TRACK1 is less than 0.54V, current limit
foldback is disabled. When channel 1 is powered down,
this pin will be pulled low.
VFB1 (Pin 5/Pin 2): Channel 1 Error Amplifier Feedback
Input. This pin connects the error amplifier input to an
external resistive divider from VOUT1.
ITH1 (Pin 6/Pin 3): Channel 1 Error Amplifier Output and
Switching Regulator Compensation Point. The current
comparator’s threshold increases with this control volt-
age.
SGND (Pin 7/Pin 4): Signal Ground. This pin must be
routed separately under the IC to the PGND pin and then
to the main ground plane.
ITH2 (Pin 8/Pin 5): Channel 2 Error Amplifier Output and
Switching Regulator Compensation Point. See ITH1.
ITH3 (Pin 9/Pin 6): Channel 3 Error Amplifier Output and
Switching Regulator Compensation Point. See ITH1.
VFB2 (Pin 10/Pin 7): Channel 2 Error Amplifier Feedback
Input. See VFB1.
VFB3 (Pin 11/Pin 8): Channel 3 Error Amplifier Feedback
Input. See VFB1.
TRACK2 (Pin 12/Pin 9): Channel 2 Tracking Input. Tie the
TRACK2 pin to a resistive divider connected to the output
of channel 1 for either coincident or ratiometric output
tracking. See the Soft-Start/Tracking application. TRACK2
comes with a 1μA pull-up current. An external capacitor
can be added at this pin to provide soft-start. During
startup or output short-circuit condition, if the potential
at TRACK2 is less than 0.54V, current limit foldback is
disabled. When channel 2 is powered down, this pin will
be pulled low.
TRACK3 (Pin 13/Pin 10): Channel 3 Tracking Input. See
TRACK2.
SENSE2(Pin 14/Pin 11): The (–) Input to the Channel 2
Differential Current Comparator. See SENSE1.
SENSE2+ (Pin 15/Pin 12): The (+) Input to the Channel 2
Differential Current Comparator. See SENSE1+.
SENSE3(Pin 16/Pin 13): The (–) Input to the Channel 3
Differential Current Comparator. See SENSE1.
SENSE3+ (Pin 17/Pin 14): The (+) Input to the Channel 3
Differential Current Comparator. See SENSE1+.
VCC (Pin 18/Pin 15): Main Input Supply. All internal circuits
except the output drivers are powered from this pin. VCC
should be connected to a low noise 5V power supply and
should be bypassed to SGND with at least a 1μF capacitor
in close proximity to the LTC3773.
PLLFLTR (Pin 19/Pin 16): Phase-Locked Loop Lowpass
Filter. The phase-locked loop’s lowpass filter is tied to this
pin. Alternatively, when external frequency synchronizing
is not used, this pin can be forced low, left floating or tied
high to vary the frequency of the internal oscillator.
PIN FUNCTIONS (G/UHF)


Similar Part No. - LTC3773

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3773 LINER-LTC3773 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3773 LINER-LTC3773_15 Datasheet
479Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
More results

Similar Description - LTC3773

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3773 LINER-LTC3773_15 Datasheet
479Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3829 LINER-LTC3829 Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com