Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTZM1-350 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # DTZM1-350
Description  DTZM Series FAST / TTL Buffered 5-Tap Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

DTZM1-350 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  DTZM1-350 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
DTZM13 9901
Electrical Specifications at 25OC
DTZM Series FAST / TTL Buffered 5-Tap Delay Modules
TTL Buffered 5 Tap Modules
Tap Delay Tolerances +/- 5% or 2ns (+/- 1ns <13ns)
Tap-to-Tap
(ns)
Part Number
Mil-Grade P/N
Tap 1
Tap 2
Tap 3
Tap 4
Total - Tap 5
DTZM1-9
DTZM3-9M
5.0
6.0
7.0
8.0
9 ± 1.0
∗∗ 1.0 ± 0.5
DTZM1-13
DTZM3-13M
5.0
7.0
9.0
11.0
13 ± 1.5
∗∗ 2.0 ± 0.8
DTZM1-17
DTZM3-17M
5.0
8.0
11.0
14.0
17 ± 1.5
3.0 ± 1.0
DTZM1-20
DTZM3-20M
4.0
8.0
12.0
16.0
20 ± 1.5
4.0 ± 1.5
DTZM1-25
DTZM3-25M
5.0
10.0
15.0
20.0
25 ± 2.0
5.0 ± 2.0
DTZM1-30
DTZM3-30M
6.0
12.0
18.0
24.0
30 ± 2.0
6.0 ± 2.0
DTZM1-35
DTZM3-35M
7.0
14.0
21.0
28.0
35 ± 2.0
7.0 ± 2.0
DTZM1-40
DTZM3-40M
8.0
16.0
24.0
32.0
40 ± 2.0
8.0 ± 2.0
DTZM1-45
DTZM3-45M
9.0
18.0
27.0
36.0
45 ± 2.25
9.0 ± 2.0
DTZM1-50
DTZM3-50M
10.0
20.0
30.0
40.0
50 ± 2.5
10 ± 2.0
DTZM1-60
DTZM3-60M
12.0
24.0
36.0
48.0
60 ± 3.0
12 ± 2.0
DTZM1-75
DTZM3-75M
15.0
30.0
45.0
60.0
75 ± 3.75
15 ± 2.5
DTZM1-80
DTZM3-80M
16.0
32.0
48.0
64.0
80 ± 4.0
16 ± 2.5
DTZM1-100
DTZM3-100M
20.0
40.0
60.0
80.0
100 ± 5.0
20 ± 3.0
DTZM1-125
DTZM3-125M
25.0
50.0
75.0
100.0
125 ± 6.25
25 ± 3.0
DTZM1-150
DTZM3-150M
30.0
60.0
90.0
120.0
150 ± 7.5
30 ± 3.0
DTZM1-200
DTZM3-200M
40.0
80.0
120.0
160.0
200 ± 10.0
40 ± 4.0
DTZM1-250
DTZM3-250M
50.0
100.0
150.0
200.0
250 ± 12.5
50 ± 5.0
DTZM1-300
DTZM3-300M
60.0
120.0
180.0
240.0
300 ± 15.0
60 ± 6.0
DTZM1-350
DTZM3-350M
70.0
140.0
210.0
280.0
350 ± 17.5
70 ± 7.0
DTZM1-400
DTZM3-400M
80.0
160.0
240.0
320.0
400 ± 20.0
80 ± 8.0
DTZM1-500
DTZM3-500M
100.0
200.0
300.0
400.0
500 ± 25.0
100 ± 10.0
DTZM1-800
DTZM3-800M
160.0
320.0
480.0
640.0
800 ± 40.0
160 ± 16.0
DTZM 14-Pin Schematic
1
IN
4
6
Tap4
7
GND
Tap5
8
10
Tap1
12
Vcc
14
Tap3
Tap2
14-Pin Package Commercial
and Mil-Grade Versions
FAST/TTL Logic Buffered
5 Equal Delay Taps
Operating Temperature Ranges
0OC to +70OC, or -55OC to +125OC
8-Pin Versions: FAMDM Series
SIP Versions: FSIDM Series
Low Voltage CMOS Versions
refer to LVMDM / LVIDM Series
P/N Description
DTZM1 - XXX X
Buffered 5 Tap Delays:
14-pin Com'l: DTZM1
14-pin MIL: DTZM3
Total Delay in nanoseconds (ns)
Temp. Range
Blank = Commercial
M = Mil-Grade
Examples: DTZM1-25 =
25ns (5ns per tap)
74F, 14-Pin Thru-hole
DTZM3-50M = 50ns (10ns per tap)
74F, 14-Pin, Mil-Grade
OPERATING SPECIFICATIONS
V
CC Supply Voltage ................................... 5.00 ± 0.25 VDC
I
CC
Supply Current .................................... 48 mA Maximum
Logic “1” Input: V
IH .......................
2.00 V min., 5.50 V max.
I
IH ...............................
20
µA max. @ 2.70V
Logic “0” Input: V
IL ...........................................
0.80 V max.
I
IL ............................................
-0.6 mA mA
V
OH
Logic “1” Voltage Out .................................. 2.40 V min.
V
OL
Logic “0” Voltage Out ................................ 0.50 V max.
P
WI
Input Pulse Width ............................. 40% of Delay min.
Operating Temperature Range ........................... 0O to 70OC
Storage Temperature Range ..................... -65O to +150OC
TEST CONDITIONS -- FAST / TTL
V
CC Supply Voltage ................................................ 5.00VDC
Input Pulse Voltage ................................................... 3.20V
Input Pulse Rise Time ....................................... 3.0 ns max.
Input Pulse Width / Period .......................... 1000 / 2000 ns
1. Measurements made at 25OC
2. Delay Times measured at 1.50V level of leading edge.
3. Rise Times measured from 0.75V to 2.40V.
4. 10pf probe and fixture load on output under test.
Auto-Insertable DIP and Surface Mount Versions:
Refer to FAIDM Series, same 14-pin footprint.
For space saving, refer to FAMDM 8-pin Series
MIL-GRADE:
DTZM3 Military Grade delay lines use inte-
grated circuits screened to MIL-STD-883B with an operating
temperature range of -55 to +125OC. These devices have a
package height of .335"
Dimensions in Inches (mm)
Commercial Grade 14-Pin Package with Unused Leads Removed
as per Schematic.
(For Mil-Grade DTZM3 the Height is 0.335")
MAX.
.245
(6.22)
TYP.
.810
(20.57)
.275
(6.99)
MAX.
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.120
(3.05)
MIN.
.300
(7.62)
.400
(10.16)
MAX.
.010
(0.25)
TYP.
** These part numbers do not have 5 equal taps.
Tap-to-Tap Delays reference Tap 1.


Similar Part No. - DTZM1-350

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
DTZ-2E-1250 MERRIMAC-DTZ-2E-1250 Datasheet
38Kb / 1P
   DOUBLE BALANCED MIXER
logo
Rohm
DTZ-SERIES ROHM-DTZ-SERIES Datasheet
487Kb / 9P
   ZENER DIODE Voltage Regulation
Mar,6/95
DTZ10 ROHM-DTZ10 Datasheet
487Kb / 9P
   ZENER DIODE Voltage Regulation
Mar,6/95
DTZ11 ROHM-DTZ11 Datasheet
487Kb / 9P
   ZENER DIODE Voltage Regulation
Mar,6/95
DTZ12 ROHM-DTZ12 Datasheet
487Kb / 9P
   ZENER DIODE Voltage Regulation
Mar,6/95
More results

Similar Description - DTZM1-350

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
FAIDM-7 RHOMBUS-IND-FAIDM-7 Datasheet
39Kb / 1P
   FAST / TTL Buffered 5-Tap Delay Modules
AIDM-7 RHOMBUS-IND-AIDM-7 Datasheet
39Kb / 1P
   AIDM Series FAST / TTL Buffered 5-Tap Delay Modules
AMDM-7 RHOMBUS-IND-AMDM-7 Datasheet
38Kb / 1P
   AMDM Series FAST / TTL Buffered 5-Tap Delay Modules
FSIDM-9 RHOMBUS-IND-FSIDM-9 Datasheet
33Kb / 1P
   FSIDM Series FAST / TTL Buffered 5-Tap Delay Modules
FAMDM-7 RHOMBUS-IND-FAMDM-7 Datasheet
38Kb / 1P
   FAMDM Series FAST / TTL Buffered 5-Tap Delay Modules
DAIDM-7 RHOMBUS-IND-DAIDM-7 Datasheet
38Kb / 1P
   DAIDM Series FAST / TTL Buffered 5-Tap Dual Edge Delay Modules
FAITD-12 RHOMBUS-IND-FAITD-12 Datasheet
44Kb / 1P
   FAITD Series FAST / TTL Buffered 10-Tap Delay Modules
XAITD-12 RHOMBUS-IND-XAITD-12 Datasheet
43Kb / 1P
   XAITD Series FAST / TTL Buffered 10-Tap Delay Modules
D2TZM1-10 RHOMBUS-IND-D2TZM1-10 Datasheet
39Kb / 1P
   14 Pin 10-Tap TTL Buffered Delay Modules
ACDM-30 RHOMBUS-IND-ACDM-30 Datasheet
36Kb / 1P
   ACDM Series Advanced CMOS Logic Buffered 5-Tap Delay Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com