Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAIDM-15J Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # DAIDM-15J
Description  DAIDM Series FAST / TTL Buffered 5-Tap Dual Edge Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

DAIDM-15J Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  DAIDM-15J Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
DAIDM 9901
P/N Description
DAIDM - XXX X
Dual Edge Controlled
Buffered 5 Tap Delay
Molded Package Series:
14-pin DIP: DAIDM
Total Delay in nanoseconds (ns)
Lead Style: Blank = Thru-hole
G = “Gull Wing” SMD
J = “J” Bend SMD
Examples: DAIDM-25G = 25ns (5ns per tap)
74F, 14-Pin G-SMD
DAIDM-100 = 100ns (20ns per tap)
74F, 14-Pin DIP
Low Profile 14-Pin Package
Two Surface Mount Versions
8-Pin Versions: FAMDM Series
SIP Versions: FSIDM Series
FAST/TTL Logic Buffered
5 Equal Delay Taps
Low Voltage CMOS Versions
refer to LVMDM / LVIDM Series
Operating Temperature
Range 0OC to +70OC
DAIDM 14-Pin Schematic
1
IN
4
6
Tap4
7
GND
Tap5
8
10
Tap1
12
Vcc
14
Tap3
Tap2
DAIDM Series FAST / TTL Buffered 5-Tap Dual Edge Delay Modules
Electrical Specifications at 25OC
Dual Edge
14-Pin DIP P/N
Tap Delay Tolerances +/- 5% or 2ns (+/- 1ns <13ns)
Tap-to-Tap
(ns)
Tap 1
Tap 2
Tap 3
Tap 4
Total - Tap 5
DAIDM-7
3.0
4.0
5.0
6.0
7 ± 1.0
∗∗ 1 ± 0.5
DAIDM-9
3.0
4.5
6.0
7.5
9 ± 1.0
∗∗ 1.5 ± 0.5
DAIDM-11
3.0
5.0
7.0
9.0
11 ± 1.0
∗∗ 2 ± 0.7
DAIDM-13
3.0
5.5
8.0
10.5
13 ± 1.5
∗∗ 2.5 ± 1.0
DAIDM-15
3.0
6.0
9.0
12.0
15 ± 1.5
3 ± 1.0
DAIDM-20
4.0
8.0
12.0
16.0
20 ± 2.0
4 ± 1.5
DAIDM-25
5.0
10.0
15.0
20.0
25 ± 2.0
5 ± 2.0
DAIDM-30
6.0
12.0
18.0
24.0
30 ± 2.0
6 ± 2.0
DAIDM-35
7.0
14.0
21.0
28.0
35 ± 2.0
7 ± 2.0
DAIDM-40
8.0
16.0
24.0
32.0
40 ± 2.0
8 ± 2.0
DAIDM-50
10.0
20.0
30.0
40.0
50 ± 2.5
10 ± 2.0
DAIDM-60
12.0
24.0
36.0
48.0
60 ± 3.0
12 ± 2.0
DAIDM-75
15.0
30.0
45.0
60.0
75 ± 3.75
15 ± 2.5
DAIDM-100
20.0
40.0
60.0
80.0
100 ± 5.0
20 ± 3.0
** These part numbers do not have 5 equal taps. Tap-to-Tap Delays reference Tap 1.
TEST CONDITIONS -- FAST / TTL
V
CC Supply Voltage ................................................
5.00VDC
Input Pulse Voltage ................................................... 3.20V
Input Pulse Rise Time ....................................... 3.0 ns max.
Input Pulse Width / Period ........................... 1000 / 2000 ns
1. Measurements made at 25OC
2. Delays measured at 1.50V level of leading & trailing edge.
3. Rise Times measured from 0.75V to 2.40V.
4. 10pf probe and fixture load on output under test.
OPERATING SPECIFICATIONS
V
CC Supply Voltage ...................................
5.00 ± 0.25 VDC
I
CC
Supply Current .................................... 48 mA Maximum
Logic “1” Input: V
IH .......................
2.00 V min., 5.50 V max.
I
IH ............................... 20 µA max. @ 2.70V
Logic “0” Input: V
IL ..........................................
0.80 V max.
I
IL ............................................
-0.6 mA mA
V
OH
Logic “1” Voltage Out .................................. 2.40 V min.
V
OL
Logic “0” Voltage Out ............................... 0.50 V max.
P
WI
Input Pulse Width ............................. 40% of Delay min.
Operating Temperature Range ............................ 0O to 70OC
Storage Temperature Range ...................... -65O to +150OC
.300
(7.62)
.285
(7.24)
MAX.
.008 R
(0.20)
.365
(9.27)
MAX.
.010
(0.25)
TYP.
.120
(3.05)
MIN.
.250
(6.35)
MAX.
.020
(0.51)
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
DIP
DIP
DImensions in Inches (mm)
.400 (10.16)
.430 (10.92)
.285
(7.24)
MAX.
.010
(0.25)
TYP.
.008 R
(0.20)
.030
(0.76)
TYP.
.330 (8.38)
MAX.
.020 R
(0.51)
.285
(7.24)
MAX.
.285 (7.24)
.260 (6.60)
.250
(6.35)
MAX.
.015
(0.38)
TYP.
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.785
(19.94)
MAX.
.265
(6.73)
MAX.
.030
(0.76)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
G-SMD
G-SMD
J-SMD
J-SMD


Similar Part No. - DAIDM-15J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAIDM-100 ETC-DAIDM-100 Datasheet
287Kb / 4P
   5-TAP auto-insert, surface mount dips
DAIDM-105 ETC-DAIDM-105 Datasheet
287Kb / 4P
   5-TAP auto-insert, surface mount dips
More results

Similar Description - DAIDM-15J

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
FAIDM-7 RHOMBUS-IND-FAIDM-7 Datasheet
39Kb / 1P
   FAST / TTL Buffered 5-Tap Delay Modules
DTZM1-9 RHOMBUS-IND-DTZM1-9 Datasheet
35Kb / 1P
   DTZM Series FAST / TTL Buffered 5-Tap Delay Modules
AIDM-7 RHOMBUS-IND-AIDM-7 Datasheet
39Kb / 1P
   AIDM Series FAST / TTL Buffered 5-Tap Delay Modules
AMDM-7 RHOMBUS-IND-AMDM-7 Datasheet
38Kb / 1P
   AMDM Series FAST / TTL Buffered 5-Tap Delay Modules
FSIDM-9 RHOMBUS-IND-FSIDM-9 Datasheet
33Kb / 1P
   FSIDM Series FAST / TTL Buffered 5-Tap Delay Modules
FAMDM-7 RHOMBUS-IND-FAMDM-7 Datasheet
38Kb / 1P
   FAMDM Series FAST / TTL Buffered 5-Tap Delay Modules
FAITD-12 RHOMBUS-IND-FAITD-12 Datasheet
44Kb / 1P
   FAITD Series FAST / TTL Buffered 10-Tap Delay Modules
XAITD-12 RHOMBUS-IND-XAITD-12 Datasheet
43Kb / 1P
   XAITD Series FAST / TTL Buffered 10-Tap Delay Modules
D2TZM1-10 RHOMBUS-IND-D2TZM1-10 Datasheet
39Kb / 1P
   14 Pin 10-Tap TTL Buffered Delay Modules
ACDM-30 RHOMBUS-IND-ACDM-30 Datasheet
36Kb / 1P
   ACDM Series Advanced CMOS Logic Buffered 5-Tap Delay Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com