Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5R1206ATTEB225K Datasheet(PDF) 6 Page - KOA Speer Electronics, Inc.

Part # X5R1206ATTEB225K
Description  Ceramic Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

X5R1206ATTEB225K Datasheet(HTML) 6 Page - KOA Speer Electronics, Inc.

  X5R1206ATTEB225K Datasheet HTML 1Page - KOA Speer Electronics, Inc. X5R1206ATTEB225K Datasheet HTML 2Page - KOA Speer Electronics, Inc. X5R1206ATTEB225K Datasheet HTML 3Page - KOA Speer Electronics, Inc. X5R1206ATTEB225K Datasheet HTML 4Page - KOA Speer Electronics, Inc. X5R1206ATTEB225K Datasheet HTML 5Page - KOA Speer Electronics, Inc. X5R1206ATTEB225K Datasheet HTML 6Page - KOA Speer Electronics, Inc. X5R1206ATTEB225K Datasheet HTML 7Page - KOA Speer Electronics, Inc. X5R1206ATTEB225K Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Notes:
1. A0, B0 and K0 are determined by the max. dimensions to the ends of the terminals extending from the components body and/or the body of the
component. The clearance between the end of the terminals of the body of the components to the sides and depth of the cavity (A0, B0 and K0)
must be within .002" (0.05)mm min. and .020" (0.50)mm max. The clearance allowed must also prevent rotation of the component within the
cavity of not more than 20 degrees (see examples A & B).
2. Tape with components shall pass around radius "R" without damage. The minimum trailer length (Note 2 Fig. 3) may require additional length to
provide R min. for .472" (12)mm embossed tape for reels with hub diameters approaching N min. (Table 4).
3. G1 dimension is the flat area from the edge of the sprocket hole to either the outward deformation of the carrier tape between the embossed
cavities or to the edge of the cavity whichever is less.
4. G2 dimension is the flat area from the edge of the carrier tape opposite the sprocket holes to either the outward deformation of the carrier tape
between the embossed cavity or to the edge of the cavity whichever is less.
Tape Size
Constant
D0
E
P0
P2
T Max.
T1
G1
G2
8mm
.059
.069 ± .004
.157 ± .004
.079 ± .002
.024
.004
.030
.030
and
(1.5
) (1.75 ±0.10)
(4.0 ± 0.10)
(2.0 ± 0.05)
(0.600)
(0.10)
(0.75)
(0.75)
12mm
Max.
Min.
Min.
See note 3
See note 4
Tape Size
B1
D1
R
Variable
Max.
Min.
Min.
See note 6
See note 5
F
P1
See note 2
T2
W
A0B0K0
8mm
.179
.039
.138 ± .002
.157 ± .004
.984
.098
.315
See note 1
(4.55)
(1.0)
(3.5 ± 0.05)
(4.0 ± 0.10)
(25)
(2.5 Max.)
(8.0
)
12mm
.323
.059
.217 ± .002
.157 ± .004
1.181
.256
.472 ± .012
See note 1
(8.2)
(1.5)
(5.5 ± 0.05)
(4.0 ± 0.10)
(30)
(6.5 Max.)
(12.0 ± .30)
12mm
.179
.039
.138 ± .002
.079 ± .004
.984
.098
.315
See note 1
1/2 Pitch
(4.55)
(1.0)
(3.5 ± 0.05)
(2.0 ± 0.10)
(25)
(2.5 Max.)
(8.0
)
12mm
.323
.059
.217 ± .002
.315 ± .004
1.181
.256
.472 ± .012
See note 1
Double Pitch
(8.2)
(1.5)
(5.5 ± 0.05)
(8.0 ± 0.10)
(30)
(6.5 Max.)
(12.0 ± .30)
Dimensions in inches (mm)
± .004
- 0.0
± 0.10
- 0.0
± .012
- .004
± 0.3
- 0.1
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Spec if i ca ti ons gi v en h er ei n m ay be c hanged at any ti m e wi t hout pr i or noti c e. Pl eas e c onf ir m tec hni c al s peci f i cat i ons bef or e y ou or der a nd/or use .
PAGE 6 OF 8
SS-241 R5
9. Carrier Tape Specifications
Embossed plastic
8 & 12mm
B1
For tape feeder reference
only including draft
concentric around B0
T1
K0
T2
T
Deformation
between
embossments
Top
cover
tape
D0
P2
P1
A0
B0
P0
10 pitches cumulative
tolerance on tape
±0.008 (±0.2)
Embossment
Center lines
of cavity
User direction of feed
Maximum cavity
size, see note 1
D1 for components
.079 x .047 (2.0 x 1.2)
and larger
G1
E
F
W
See note 3
See note 4
G2
± .012
- .004
± 0.3
- 0.1


Similar Part No. - X5R1206ATTEB225K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
X5R1206ATTEB101B KOA-X5R1206ATTEB101B Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206ATTEB101C KOA-X5R1206ATTEB101C Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206ATTEB101D KOA-X5R1206ATTEB101D Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206ATTEB101F KOA-X5R1206ATTEB101F Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206ATTEB101G KOA-X5R1206ATTEB101G Datasheet
243Kb / 5P
   ceramic chip capacitors
More results

Similar Description - X5R1206ATTEB225K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com