Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3772EDDB Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3772EDDB
Description  Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3772EDDB Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3772EDDB Datasheet HTML 2Page - Linear Technology LTC3772EDDB Datasheet HTML 3Page - Linear Technology LTC3772EDDB Datasheet HTML 4Page - Linear Technology LTC3772EDDB Datasheet HTML 5Page - Linear Technology LTC3772EDDB Datasheet HTML 6Page - Linear Technology LTC3772EDDB Datasheet HTML 7Page - Linear Technology LTC3772EDDB Datasheet HTML 8Page - Linear Technology LTC3772EDDB Datasheet HTML 9Page - Linear Technology LTC3772EDDB Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC3772
3772f
PI FU CTIO S
GND (Pin 1/Pin 4): Ground Pin.
VFB (Pin 2/Pin 3): Receives the feedback voltage from an
external resistor divider across the output.
ITH/RUN (Pin 3/Pin 2): This pin performs two functions. It
serves as the error amplifier compensation point as well as
the run control input. Nominal voltage range for this pin is
0.7V to 1.9V. Forcing this pin below 0.6V causes the
device to be shut down. In shutdown, all functions are
disabled and the PGATE pin is held high.
IPRG (Pin 4/Pin 1): Current Sense Limit Pin. Three-state
pin selects maximum peak sense voltage threshold. The
pin selects the maximum voltage drop across the external
P-channel MOSFET. Tie to VIN, GND or float to select
245mV, 105mV or 175mV respectively.
NC (Pin 5/Pin 8): No Connection Required.
SW (Pin 6/Pin 7): Switch Node Connection to Inductor
and Current Sense Input Pin. Normally, the external
P-channel MOSFET’s drain is connected to this pin.
VIN (Pin 7/Pin 6): Supply and Current Sense Input Pin.
This pin must be closely decoupled to GND (Pin 4).
Normally the external P-channel MOSFET’s source is
connected to this pin.
PGATE (Pin 8/Pin 5): Gate Drive for the External P-Channel
MOSFET. This pin swings from 0V to VIN.
Exposed Pad (Pin 9, DDB Only): The Exposed Pad is
ground and must be soldered to the PCB for electrical
connection and optimum thermal performance.
(DDB/TS8)


Similar Part No. - LTC3772EDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3772 LINER-LTC3772 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3772 LINER-LTC3772 Datasheet
258Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B Datasheet
322Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
More results

Similar Description - LTC3772EDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3772B LINER-LTC3772B_15 Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B Datasheet
322Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772_15 Datasheet
258Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3801 LINER-LTC3801_1 Datasheet
237Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com