Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3736-2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3736-2
Description  Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3736-2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3736-2 Datasheet HTML 6Page - Linear Technology LTC3736-2 Datasheet HTML 7Page - Linear Technology LTC3736-2 Datasheet HTML 8Page - Linear Technology LTC3736-2 Datasheet HTML 9Page - Linear Technology LTC3736-2 Datasheet HTML 10Page - Linear Technology LTC3736-2 Datasheet HTML 11Page - Linear Technology LTC3736-2 Datasheet HTML 12Page - Linear Technology LTC3736-2 Datasheet HTML 13Page - Linear Technology LTC3736-2 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LTC3736-2
37362fa
Main Control Loop
The LTC3736-2 uses a constant frequency, current mode
architecture with the two controllers operating 180 de-
grees out of phase. During normal operation, the top
external P-channel power MOSFET is turned on when the
clock for that channel sets the RS latch, and turned off
when the current comparator (ICMP) resets the latch. The
peak inductor current at which ICMP resets the RS latch is
determined by the voltage on the ITH pin, which is driven
by the output of the error amplifier (EAMP). The VFB pin
receives the output voltage feedback signal from an exter-
nal resistor divider. This feedback signal is compared to
the internal 0.6V reference voltage by the EAMP. When the
load current increases, it causes a slight decrease in VFB
relative to the 0.6V reference, which in turn causes the ITH
voltage to increase until the average inductor current
matches the new load current. While the top P-channel
MOSFET is off, the bottom N-channel MOSFET is turned
on until either the inductor current starts to reverse, as
indicated by the current reversal comparator, IRCMP, or the
beginning of the next cycle.
Shutdown, Soft-Start and Tracking Start-Up
(RUN/SS and TRACK Pins)
The LTC3736-2 is shut down by pulling the RUN/SS pin
low. In shutdown, all controller functions are disabled and
the chip draws only 9
µA.TheTGoutputsareheldhigh(off)
and the BG outputs low (off) in shutdown. Releasing
RUN/SS allows an internal 0.7
µA current source to charge
up the RUN/SS pin. When the RUN/SS pin reaches 0.65V,
the LTC3736-2’s two controllers are enabled.
The start-up of VOUT1 is controlled by the LTC3736-2’s
internal soft-start. During soft-start, the error amplifier
EAMP compares the feedback signal VFB1 to the internal
soft-start ramp (instead of the 0.6V reference), which rises
linearly from 0V to 0.6V in about 1ms. This allows the
output voltage to rise smoothly from 0V to its final value,
while maintaining control of the inductor current.
The 1ms soft-start time can be increased by connecting
the optional external soft-start capacitor CSS between the
RUN/SS and SGND pins. As the RUN/SS pin continues to
OPERATIO
rise linearly from approximately 0.65V to 1.3V (being
charged by the internal 0.7
µA current source), the EAMP
regulates the VFB1 proportionally linearly from 0V to 0.6V.
The start-up of VOUT2 is controlled by the voltage on the
TRACK pin. When the voltage on the TRACK pin is less
than the 0.6V internal reference, the LTC3736-2 regulates
the VFB2 voltage to the TRACK pin instead of the 0.6V
reference. Typically, a resistor divider on VOUT1 is con-
nected to the TRACK pin to allow the start-up of VOUT2 to
“track” that of VOUT1. For one-to-one tracking during start-
up, the resistor divider would have the same values as the
divider on VOUT2 that is connected to VFB2.
Light Load Operation (Pulse-Skipping or Continuous
Conduction) (SYNC/FCB Pin)
The LTC3736-2 can be enabled to enter high efficiency
pulse-skipping operation or forced continuous conduc-
tion mode at low load currents. To select pulse-skipping
operation, tie the SYNC/FCB pin to a DC voltage above 0.6V
(e.g., VIN). To select forced continuous operation, tie the
SYNC/FCB to a DC voltage below 0.6V (e.g., SGND). This
0.6V threshold between pulse-skipping operation and
forced continuous mode can be used in secondary wind-
ing regulation as described in the Auxiliary Winding Con-
trol Using SYNC/FCB Pin discussion in the Applications
Information section.
In forced continuous operation, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined by the
voltage on the ITH pin. The P-channel MOSFET is turned on
every cycle (constant frequency) regardless of the ITH pin
voltage. In this mode, the efficiency at light loads is lower
than in pulse-skipping operation. However, continuous
mode has the advantages of lower output ripple and less
interference with audio circuitry.
When the SYNC/FCB pin is tied to a DC voltage above 0.6V
or when it is clocked by an external clock source to use the
phase-locked loop (see Frequency Selection and Phase-
Locked Loop), the LTC3736-2 operates in PWM pulse-
skipping mode at light loads. In this mode, the current
comparator ICMP may remain tripped for several cycles and
(Refer to Functional Diagram)


Similar Part No. - LTC3736-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736-2 LINER-LTC3736-2 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
More results

Similar Description - LTC3736-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3708 LINER-LTC3708 Datasheet
420Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3736-1 LINER-LTC3736-1 Datasheet
528Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com