Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5R1210KTTEB225K Datasheet(PDF) 8 Page - KOA Speer Electronics, Inc.

Part # X5R1210KTTEB225K
Description  Ceramic Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

X5R1210KTTEB225K Datasheet(HTML) 8 Page - KOA Speer Electronics, Inc.

  X5R1210KTTEB225K Datasheet HTML 1Page - KOA Speer Electronics, Inc. X5R1210KTTEB225K Datasheet HTML 2Page - KOA Speer Electronics, Inc. X5R1210KTTEB225K Datasheet HTML 3Page - KOA Speer Electronics, Inc. X5R1210KTTEB225K Datasheet HTML 4Page - KOA Speer Electronics, Inc. X5R1210KTTEB225K Datasheet HTML 5Page - KOA Speer Electronics, Inc. X5R1210KTTEB225K Datasheet HTML 6Page - KOA Speer Electronics, Inc. X5R1210KTTEB225K Datasheet HTML 7Page - KOA Speer Electronics, Inc. X5R1210KTTEB225K Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PAGE 8 OF 8
SS-241 R5
Notes:
1. A0, B0 and T are determined by the max. dimensions to the ends of the terminals extending from the component body and/or the body dimensions
of the component. The clearance between the ends of the terminals or body of the components to the sides and depth of the cavity (A0, B0
and T) must be within .002" (0.05) mm min. and .020" (0.50) mm max. The clearance allowed must also prevent rotation of the component
within the cavity of not more than 20 degrees (see examples C & D).
2. Tape with components shall pass
around radius "R" without damage.
3. .043" (1.1) mm base tape and
.063" (1.6) mm max. for
non-paper base compositions.
Maximum Component Rotation
Side or Front Sectional View
Example "C"
20°
Top View Example "D"
20° Maximum Component Rotation
Typical component
cavity center line
Typical component
center line
B O
AO
T
Maximum Component Rotation
Side or Front Sectional View
Example "C"
20°
Top View Example "D"
20° Maximum Component Rotation
Typical component
cavity center line
Typical component
center line
B O
AO
T
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Spec if i ca ti ons gi v en h er ei n m ay be c hanged at any ti m e wi t hout pr i or noti c e. Pl eas e c onf ir m tec hni c al s peci f i cat i ons bef or e y ou or der a nd/or use .
10. Carrier Tape Specifications (continued)
Punched paper tape
8 & 12mm
11. Recommended Land Pattern Dimensions
Component pads should be designed to achieve good solder filets and minimize component movement during reflow soldering.
Pad dimensions are given below for multilayer ceramic capacitors for both reflow and wave soldering. The basis for these designs is:
• Pad width equal to component width. It is permissible to decrease this to as low as 85% of component width but it is not advisable to go below this.
• Pad overlap 0.5mm beneath component
• Pad extension 0.5mm beyond components for reflow and 1.0mm for wave soldering
A
B
C
C
D
Dimensions inches (mm)
Case Size
A
B
C
D
0402
0.02
0.07
0.02
0.02
(0.50)
(1.70)
(0.60)
(0.50)
0603
0.03
0.09
0.03
0.03
(0.75)
(2.30)
(0.80)
(0.70)
0805
0.05
0.12
0.04
0.04
(1.25)
(3.00)
(1.00)
(1.00)
1206
0.06
0.16
0.04
0.09
(1.60)
(4.00)
(1.00)
(2.00)
1210
0.10
0.16
0.04
0.09
(2.50)
(4.00)
(1.00)
(2.00)


Similar Part No. - X5R1210KTTEB225K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
X5R1210KTTEB101B KOA-X5R1210KTTEB101B Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1210KTTEB101C KOA-X5R1210KTTEB101C Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1210KTTEB101D KOA-X5R1210KTTEB101D Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1210KTTEB101F KOA-X5R1210KTTEB101F Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1210KTTEB101G KOA-X5R1210KTTEB101G Datasheet
243Kb / 5P
   ceramic chip capacitors
More results

Similar Description - X5R1210KTTEB225K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com