Electronic Components Datasheet Search |
|
FD5145TL-25.0M-PLE-1K Datasheet(PDF) 2 Page - Pletronics, Inc. |
|
FD5145TL-25.0M-PLE-1K Datasheet(HTML) 2 Page - Pletronics, Inc. |
2 / 12 page FD5T Series Programmable CMOS Clock Oscillator November 2008 www.pletronics.com 425-776-1880 2 Description: The FD5T series Programmable CMOS Clock Oscillator is a modular PLL-based low cost, high- performance oscillator. The frequency range is from 12KHz to 230MHZ. The FD5T base frequency, as noted in the device part number, is established during manufacture and is permanently fixed. For convenience, the divider for output OUT characteristics may be pre-programmed at the factory, or field programmed. The FD5T has a separate output supply pin, V DDOUT, for either 1.8, 2.5 or 3.3V output logic levels. The device supply, V DD which provides power to all the internal circuits, is nominally 1.8V. The deep M/N PLL divider ratio allows the generation of zero-ppm clocks for applications such as WLAN, BlueTooth, Ethernet, USB, IEEE1394, etc. from the base frequency. The PLL supports Spread Spectrum Clocking (SSC). SSC may be programmed to be either center- spread or down-spread. This is an important technique to reduce electro-magnetic interference (EMI). The device supports non-volatile eePROM programming for easy customization of the device. As shipped, the device is pre-programmed. Standard combinations are denoted by three characters in the device part number. However, the FD5T may be reprogrammed to a different configuration. Reprogramming may be either prior to assembly, or in-circuit via a 2-wire SDA/SCL I 2C bus. In-circuit programming is not allowed if the VCXO function is needed. Two programmable control inputs, S1 and S2, may be used to control various aspects of FD55T operation including selection of alternative frequency set(s), selection of SSC functionality, output tri-state and power-down. Reference Oscillator The Reference Oscillator is an AT cut quartz crystal based oscillator. This oscillator is very similar to the Pletronics SM77xxH product oscillator. This signal is the lowest jitter and can be an output or can be divided down by the Divider #1. The user may specify any frequency between 12MHz and 32MHz for this reference. All output frequencies are derived from (referenced to) this Reference Oscillator. The VCXO input has a limited voltage range, the VCXO is associated with the internal 1.8V core. A resistor in series with the Vcontrol input will permit interfacing to 3.3V analog circuits, the voltage range that changes the frequency will still be limited but the larger voltages swings will not cause problems. The VCXO function is only enabled (internally connected) if the part number indicates a VCXO specification. When the VCXO function is enabled the I 2C programming mode will be disabled. PLL Multipliers The PLL Multiplier can multiply the Reference Oscillator frequency from 1 (bypass mode) to any value that is <=230MHz (the lowest frequency is the Reference Oscillator frequency). The PLL Multipliers can have two setup options, 0 or 1, depending on which option is chosen and set by the Sx control signals and the user’s definitions are stored in eePROM. Spread Spectrum |
Similar Part No. - FD5145TL-25.0M-PLE-1K |
|
Similar Description - FD5145TL-25.0M-PLE-1K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |