Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5R1210CTTE225K Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # X5R1210CTTE225K
Description  Ceramic Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

X5R1210CTTE225K Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  X5R1210CTTE225K Datasheet HTML 1Page - KOA Speer Electronics, Inc. X5R1210CTTE225K Datasheet HTML 2Page - KOA Speer Electronics, Inc. X5R1210CTTE225K Datasheet HTML 3Page - KOA Speer Electronics, Inc. X5R1210CTTE225K Datasheet HTML 4Page - KOA Speer Electronics, Inc. X5R1210CTTE225K Datasheet HTML 5Page - KOA Speer Electronics, Inc. X5R1210CTTE225K Datasheet HTML 6Page - KOA Speer Electronics, Inc. X5R1210CTTE225K Datasheet HTML 7Page - KOA Speer Electronics, Inc. X5R1210CTTE225K Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SS-241 R5
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Spec if i ca ti ons gi v en h er ei n m ay be c hanged at any ti m e wi t hout pr i or noti c e. Pl eas e c onf ir m tec hni c al s peci f i cat i ons bef or e y ou or der a nd/or use .
PAGE 3 OF 8
Item
Requirement
Test Methods
Operating
-55°C to +85°C
Temperature cycle chamber
Temperature Range
Capacitance
Within specified tolerance
Frequency: 1.0 kHz ± 10%
Dissipation Factor
2.5% for 50V DC rating
Voltage: 1.0 Vrms ± .2 V
5.0% for 10V DC rating
For Cap > 10 µF, 0.5 Vrms @ 120 Hz
Insulation
100,000 M or 500 M - µF,
Charge device with rated voltage for
Resistance
whichever is less
60 ± 5 secs @ room temp/humidity
Dielectric
No breakdown or visual defects
Charge device with 300% of rated voltage for
Strength
1-5 seconds, w/charge and discharge current
limited to 50 mA (max)
Resistance to
Appearance
No defects
Deflection: 1 mm
Test Time: 30 seconds
Flexure Stresses
Capacitance Variation
± 10%
Dissipation Factor
Meets initial values
Insulation Resistance
Initial Value x 0.3
Solderability
95% of each terminal should be covered
Dip device in eutectic solder at 230 ± 5°C
with fresh solder
for 5.0 ± 0.5 seconds
Resistance to
Appearance
No defects, < 25% leaching
Solder Heat
of either end terminal
Dip device in eutectic solder at 260°C for
Capacitance Variation
± 7.5%
60 seconds. Store at room temperature
Dissipation Factor
Meets initial values
for 24 ± 2 hours before measuring
Insulation Resistance
Meets initial values
electrical properties
Dielectric Strength
Meets initial values
Thermal Shock
Appearance
No visual defects
Step 1: -55°C ± 2°
30 ± 3 minutes
Capacitance Variation
± 7.5%
Step 2: Room temp
3 minutes
Dissipation Factor
Meets initial values
Step 3: +85°C ± 2°
30 ± 3 minutes
Insulation Resistance
Meets initial values
Step 4: Room temp
3 minutes
Dielectric Strength
Meets initial values
Repeat for 5 cycles and measure after
24 ± 2 hours at room temperature
5. Characteristics
90 mm


Similar Part No. - X5R1210CTTE225K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
X5R1210CTTE101B KOA-X5R1210CTTE101B Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1210CTTE101C KOA-X5R1210CTTE101C Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1210CTTE101D KOA-X5R1210CTTE101D Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1210CTTE101F KOA-X5R1210CTTE101F Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1210CTTE101G KOA-X5R1210CTTE101G Datasheet
243Kb / 5P
   ceramic chip capacitors
More results

Similar Description - X5R1210CTTE225K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com