Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN412ESTTE1002B100 Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # RN412ESTTE1002B100
Description  Surface Mount Coat-insulated Fixed Metal Film Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RN412ESTTE1002B100 Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  RN412ESTTE1002B100 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RN412ESTTE1002B100 Datasheet HTML 2Page - KOA Speer Electronics, Inc. RN412ESTTE1002B100 Datasheet HTML 3Page - KOA Speer Electronics, Inc. RN412ESTTE1002B100 Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 4 OF 4
9. Taping Dimensions/Reel Dimensions
10. Taping Configuration
A min
B min
C min
3.93
1.38
11.40
(10 pitch)
(35 pitch)
(290 mm)
Type
A
B
W
P1
T1
øa
ød
e
2A
.094
.059
.315
.157
.059
7.01
.827
.079
(2.4 ± 0.2)
(1.5 ± 0.2)
(8.0 ± 0.2)
(4.0 ± 0.1)
(1.45 ± 0.2)
(178)
(21)
(2)
2B, 2ES
.146
.067
.315
.157
.067
7.01
.827
.079
(3.7 ± 0.2)
(1.7 ± 0.2)
(8.0 ± 0.2)
(4.0 ± 0.1)
(1.7 ± 0.2)
(178)
(21)
(2)
2D
.146
.067
.315
.157
.067
7.01
.827
.079
(3.7 ± 0.2)
(1.7 ± 0.2)
(8.0 ± 0.2)
(4.0 ± 0.1)
(1.7 ± 0.2)
(178)
(21)
(2)
2E, 2H
.244
.094
.472
.157
.102
7.01
.827
.079
(6.2 ± 0.2)
(2.4 ± 0.2)
(12.0 ± 0.1)
(4.0 ± 0.1)
(2.6 ± 0.2)
(178)
(21)
(2)
3AS
.244
.094
.472
.157
.102
10.01
.827
.079
(6.2 ± 0.2)
(2.4 ± 0.2)
(12.0 ± 0.1)
(4.0 ± 0.1)
(2.6 ± 0.2)
(255)
(21)
(2)
Dimensions in inches (mm)
Dimensions in inches (mm)
A
Empty space
Product space
B
C
Direction of feed
Lead space
Empty space
KOA SPEER ELECTRONICS, INC.
SS-197 R5
ø13
ød
e
Central
hole
(mm)
T1
(TP)
P1
B
1.5
+0.1
-0
P1
2.0
4.0
±0.1
Direction of feed
T1
T1
SS-197 R5
6/7/07
5:15 PM
Page 4


Similar Part No. - RN412ESTTE1002B100

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN412ESTTE1002B100 KOA-RN412ESTTE1002B100 Datasheet
99Kb / 2P
   fixed metal film melf resistors
More results

Similar Description - RN412ESTTE1002B100

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
E011202 HOKURIKU-E011202 Datasheet
36Kb / 1P
   Miniature Paint Insulated Metal Film Fixed Resistors
E011201 HOKURIKU-E011201 Datasheet
70Kb / 2P
   High Stability Insulated Metal Film Fixed Resistors
logo
KOA Speer Electronics, ...
CW1PCT26 KOA-CW1PCT26 Datasheet
98Kb / 2P
   coat insulated, precision coat insulated miniature wirewound leaded resistors
RF26B2ETTA100J KOA-RF26B2ETTA100J Datasheet
434Kb / 2P
   coat-insulated fusing resistors
logo
HOKURIKU ELECTRIC INDUS...
E011300 HOKURIKU-E011300 Datasheet
82Kb / 2P
   Miniature Paint Insulated Metal Oxide Film Fixed Resistors
logo
RFE international
LRT RFE-LRT Datasheet
795Kb / 8P
   SURFACE MOUNT METAL FILM RESISTORS
2022.04.20
logo
ABCO ELECTRONICS CO.LTD
MR18W ABCO-MR18W Datasheet
564Kb / 1P
   FIXED METAL FILM RESISTORS
logo
KOA Speer Electronics, ...
CW12PCT52A103F KOA-CW12PCT52A103F Datasheet
319Kb / 3P
   coat insulated, precision coat insulated and miniature wirewound leaded resistors
CW1HCT52 KOA-CW1HCT52 Datasheet
89Kb / 2P
   coat insulated miniature wirewound resistors
logo
Vishay Siliconix
WSF VISHAY-WSF_15 Datasheet
84Kb / 3P
   Metal Film Resistors, Power, Surface Mount
Revision: 06-Nov-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com