Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7524MJ Datasheet(PDF) 5 Page - Texas Instruments

Part # AD7524MJ
Description  Advanced LinCMOSE 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AD7524MJ Datasheet(HTML) 5 Page - Texas Instruments

  AD7524MJ Datasheet HTML 1Page - Texas Instruments AD7524MJ Datasheet HTML 2Page - Texas Instruments AD7524MJ Datasheet HTML 3Page - Texas Instruments AD7524MJ Datasheet HTML 4Page - Texas Instruments AD7524MJ Datasheet HTML 5Page - Texas Instruments AD7524MJ Datasheet HTML 6Page - Texas Instruments AD7524MJ Datasheet HTML 7Page - Texas Instruments AD7524MJ Datasheet HTML 8Page - Texas Instruments AD7524MJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7524M
Advanced LinCMOS
™ 8-BIT MULTIPLYING
DIGITAL-TO-ANALOG CONVERTER
SGLS028A – SEPTEMBER 1989 – REVISED MARCH 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
The AD7524M is an 8-bit multiplying D/A converter consisting of an inverted R-2R ladder, analog switches, and
data input latches. Binary weighted currents are switched between the OUT1 and OUT2 bus lines, thus
maintaining a constant current in each ladder leg independent of the switch state. The high-order bits are
decoded and these decoded bits, through a modification in the R-2R ladder, control three equally weighted
current sources. Most applications only require the addition of an external operational amplifier and a voltage
reference.
The equivalent circuit for all digital inputs low is seen in Figure 1. With all digital inputs low, the entire reference
current, Iref, is switched to OUT2. The current source 1/256 represents the constant current flowing through the
termination resistor of the R-2R ladder, while the current source IIkg represents leakage currents to the
substrate. The capacitances appearing at OUT1 and OUT2 are dependent upon the digital input code. With all
digital inputs high, the off-state switch capacitance (30 pF maximum) appears at OUT2 and the on-state switch
capacitance (120 pF maximum) appears at OUT1. With all digital inputs low, the situation is reversed as shown
in Figure 1. Analysis of the circuit for all digital inputs high is similar to Figure 1; however, in this case, Iref would
be switched to OUT1.
Interfacing the AD7524M D/A converter to a microprocessor is accomplished via the data bus and the CS and
WR control signals. When CS and WR are both low, the AD7524M analog output responds to the data activity
on the DB0–DB7 data bus inputs. In this mode, the input latches are transparent and input data directly affects
the analog output. When either the CS signal or WR signal goes high, the data on the DB0–DB7 inputs are
latched until the CS and WR signals go low again. When CS is high, the data inputs are disabled regardless
of the state of the WR signal.
The AD7524M is capable of performing 2-quadrant or full 4-quadrant multiplication. Circuit configurations for
2-quadrant or 4-quadrant multiplication are shown in Figures 2 and 3. Input coding for unipolar and bipolar
operation are summarized in Tables 1 and 2, respectively.


Similar Part No. - AD7524MJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7524 AD-AD7524 Datasheet
162Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524 AD-AD7524 Datasheet
129Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524 AD-AD7524 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7524ACHIPS AD-AD7524ACHIPS Datasheet
162Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
logo
Texas Instruments
AD7524AN TI1-AD7524AN Datasheet
253Kb / 12P
[Old version datasheet]   ADVANCED LINCMOS 8-BIT MULTIPLING
More results

Similar Description - AD7524MJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
logo
Texas Instruments
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
   CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
logo
NTE Electronics
NTE2056 NTE-NTE2056 Datasheet
23Kb / 3P
   Integrated Circuit 8-Bit Multiplying Digital-to-Analog Converter
logo
Texas Instruments
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C_15 Datasheet
800Kb / 23P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVVERTERS
TLC7524IDR TI1-TLC7524IDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com