Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL2TTE20L0J Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # TSL2TTE20L0J
Description  Current Sensing Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TSL2TTE20L0J Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  TSL2TTE20L0J Datasheet HTML 1Page - KOA Speer Electronics, Inc. TSL2TTE20L0J Datasheet HTML 2Page - KOA Speer Electronics, Inc. TSL2TTE20L0J Datasheet HTML 3Page - KOA Speer Electronics, Inc. TSL2TTE20L0J Datasheet HTML 4Page - KOA Speer Electronics, Inc. TSL2TTE20L0J Datasheet HTML 5Page - KOA Speer Electronics, Inc. TSL2TTE20L0J Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 6
KOA SPEER ELECTRONICS, INC.
SS-199 R18
5-2 Voltage Rating
Resistors shall have a rated direct-current (DC) continuous
working voltage or approximate sine-wave root-mean-
square (RMS) alternating-current (AC) continuous working
voltage at commercial-line frequency and waveform
corresponding to the power rating, as determined from
the following formula:
Where:
E = Rated voltage (V)
E = √ P x R
P = Rated power (W)
R = Nominal
resistance (Ω)
1
2
3
Resistive Element
Metal Plate: SL1 ≤ 100 mΩ,
SL2 ≤ 360 mΩ, SL3
Thick Film: SL1 > 100 mΩ,
SL2 > 360 mΩ
Flameproof Molded
Epoxy Case with UL94V-0
Flammability Rating
End Termination with
Tin/Lead Solder Plating
1
2
3
4-2 Structure
5. Rating
4. Dimensions and Structure
4-1 Dimensions
Derating Curve
Surface Temperature Rise
100
80
60
40
20
70
125
Ambient Temperature
(∞C)
0
-55
50
0
180
150
100
50
50
100
% Rated Power
TSL1 (1)
TSL1 (2)
0
0
25
75
2
25
75
125
SLN2 (2)
SLN2 (1)
5-1 Rating SL3
For temperature in excess of 110°C, the load shall
be derated in accordance with the following figure.
100
80
60
40
20
0
-55
0
110
125
180
Ambient Temperature (∞C)
W
t
L
a
b
c
c
Molded
Resin
Resistive
Element
Electrode
.453±.012
(11.5±0.3)
.276±.008
(7.0±0.2)
.276±.008
(7.0±0.2)
.098±.008
(2.5±0.2)
.197±.008
(5.0±0.2)
.094±.008
(2.4±0.2)
.102±.02
(2.6±0.5)
.453±.012
(11.5±0.3)
.217±.008
(5.5±0.2)
.100±.016
(2.55±0.4)
SL1
SL2
SLN2
c
b
a
t
W
L
Dimensions inches (mm)
.248±.012
(6.3±0.3)
.122±.008
(3.1±0.2)
.075±.008
(1.9±0.2)
.047±.012
(1.2±0.3)
.067±.02
(1.7±0.5)
.063±.008
(1.6±0.2)
.047±.012
(1.2±0.3)
.094±.008
(2.4±0.2)
Size
Code
.453±.012
(11.5±0.3)
.276±.008
(7.0±0.2)
.098±.008
(2.5±0.2)
.197±.008
(5.0±0.2)
.102±.02
(2.6±0.5)
SL3
.067±.02
(1.7±0.5)
.122±.008
(3.1±0.2)
.039±.008
(1.0±0.2)
.248±.012
(6.3±0.3)
.094±.008
(2.4±0.2)
.047±.012
(1.2±0.3)
TSL1
.028±.008
(0.7±0.2)
200
100
50
50
100
% Rated Power
SL1 (1)
SL2 (2)
0
0
25
75
SL1 (2)
SL2 (1)
2
25
75
150
175
125
TSL1/SLN2
SL1/SL2
2
1


Similar Part No. - TSL2TTE20L0J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TSL2TTE20L0D KOA-TSL2TTE20L0D Datasheet
284Kb / 2P
   surface mount molded current sense resistors
TSL2TTE20L0F KOA-TSL2TTE20L0F Datasheet
284Kb / 2P
   surface mount molded current sense resistors
TSL2TTE20L0G KOA-TSL2TTE20L0G Datasheet
284Kb / 2P
   surface mount molded current sense resistors
TSL2TTE20L0H KOA-TSL2TTE20L0H Datasheet
284Kb / 2P
   surface mount molded current sense resistors
More results

Similar Description - TSL2TTE20L0J

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
logo
American Accurate Compo...
CRL10R020JNM AAC-CRL10R020JNM_17 Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
CTL05R015FJM AAC-CTL05R015FJM_17 Datasheet
555Kb / 2P
   PRECISION CURRENT SENSING CHIP RESISTORS
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
   Current Sensing Bondable Chip Resistors
Revision: 06-Oct-08
logo
List of Unclassifed Man...
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
   THIN FILM CURRENT SENSING CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com