Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5R1206ATTE225K Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # X5R1206ATTE225K
Description  Ceramic Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

X5R1206ATTE225K Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  X5R1206ATTE225K Datasheet HTML 1Page - KOA Speer Electronics, Inc. X5R1206ATTE225K Datasheet HTML 2Page - KOA Speer Electronics, Inc. X5R1206ATTE225K Datasheet HTML 3Page - KOA Speer Electronics, Inc. X5R1206ATTE225K Datasheet HTML 4Page - KOA Speer Electronics, Inc. X5R1206ATTE225K Datasheet HTML 5Page - KOA Speer Electronics, Inc. X5R1206ATTE225K Datasheet HTML 6Page - KOA Speer Electronics, Inc. X5R1206ATTE225K Datasheet HTML 7Page - KOA Speer Electronics, Inc. X5R1206ATTE225K Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SS-241 R5
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Spec if i ca ti ons gi v en h er ei n m ay be c hanged at any ti m e wi t hout pr i or noti c e. Pl eas e c onf ir m tec hni c al s peci f i cat i ons bef or e y ou or der a nd/or use .
PAGE 4 OF 8
Item
Requirement
Test Methods
Load Life
Appearance
No visual defects
Charge device with twice rated voltage
Capacitance Variation
± 12.5%
in test chamber set at 85°C ± 2°C for
Dissipation Factor
Initial value x 2.0
1000 hours (+48, -0)
Insulation Resistance
Initial value x 0.3
Remove from test chamber and stabilize at
Dielectric Strength
Meets initial values
room temp. and humidity for 24 ±2 hours
before measuring
Load Humidity
Appearance
No visual defects
Store in a test chamber set at 85°C ± 2°C/
Capacitance Variation
± 12.5%
85% ±5% relative humidity for 1000 hours
Dissipation Factor
Initial value x 2.0
(+48, -0) with rated voltage applied
Insulation Resistance
Initial value x 0.3
Remove from chamber and stabilize at
Dielectric Strength
Meets initial values
room temp. and humidity for 24 ±2 hours
before measuring
5. Characteristics (continued)
6. Typical Impedance Characteristics
0
-40
-20
Temperature (°C)
+20
-5
-60
+80
+60
+40
+20
0
+15
+10
+5
-10
-15
-20
10000
1000
Temperature (°C)
+25
+20
+100
100
+40
+60
+80
Insulation Resistance vs Temp.
X5R - Temperature Coefficient


Similar Part No. - X5R1206ATTE225K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
X5R1206ATTE101B KOA-X5R1206ATTE101B Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206ATTE101C KOA-X5R1206ATTE101C Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206ATTE101D KOA-X5R1206ATTE101D Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206ATTE101F KOA-X5R1206ATTE101F Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206ATTE101G KOA-X5R1206ATTE101G Datasheet
243Kb / 5P
   ceramic chip capacitors
More results

Similar Description - X5R1206ATTE225K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com