Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3727LXEG-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3727LXEG-1
Description  High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3727LXEG-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3727LXEG-1 Datasheet HTML 3Page - Linear Technology LTC3727LXEG-1 Datasheet HTML 4Page - Linear Technology LTC3727LXEG-1 Datasheet HTML 5Page - Linear Technology LTC3727LXEG-1 Datasheet HTML 6Page - Linear Technology LTC3727LXEG-1 Datasheet HTML 7Page - Linear Technology LTC3727LXEG-1 Datasheet HTML 8Page - Linear Technology LTC3727LXEG-1 Datasheet HTML 9Page - Linear Technology LTC3727LXEG-1 Datasheet HTML 10Page - Linear Technology LTC3727LXEG-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC3727LX-1
3727lx1fa
Undervoltage Lockout
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
3.40
3.45
3.50
25
75
3727LX1 G25
3.35
3.30
–25
0
50
100
125
3.25
3.20
Current Sense Pin Input Current
vs Temperature
EXTVCC Switch Resistance
vs Temperature
Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–50
–25
25
29
35
0
50
75
3727LX1 G22
27
33
31
25
100
125
VOUT = 5V
TEMPERATURE (
°C)
–50
–25
0
4
10
0
50
75
3727LX1 G23
2
8
6
25
100
125
TEMPERATURE (
°C)
–50
400
500
700
25
75
3727LX1 G24
300
200
–25
0
50
100
125
100
0
600
VPLLFLTR = 5V
VPLLFLTR = 1.2V
VPLLFLTR = 0V


Similar Part No. - LTC3727LXEG-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3727LX-1 LINER-LTC3727LX-1_15 Datasheet
426Kb / 28P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC3727LXEG-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1628-SYNC LINER-LTC1628-SYNC_15 Datasheet
672Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727LX-1 LINER-LTC3727LX-1_15 Datasheet
426Kb / 28P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC1929 LINER-LTC1929 Datasheet
233Kb / 24P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1628-SYNC LINER-LTC1628-SYNC Datasheet
375Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727-1 LINER-LTC3727-1_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929-PG LINER-LTC1929-PG_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628 Datasheet
360Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727 Datasheet
398Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com