Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3721-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3721-1
Description  Push-Pull PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3721-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3721-1 Datasheet HTML 2Page - Linear Technology LTC3721-1 Datasheet HTML 3Page - Linear Technology LTC3721-1 Datasheet HTML 4Page - Linear Technology LTC3721-1 Datasheet HTML 5Page - Linear Technology LTC3721-1 Datasheet HTML 6Page - Linear Technology LTC3721-1 Datasheet HTML 7Page - Linear Technology LTC3721-1 Datasheet HTML 8Page - Linear Technology LTC3721-1 Datasheet HTML 9Page - Linear Technology LTC3721-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3721-1
6
sn37211 37211fs
VREF (Pin 1/Pin 15): Output of the 5.0V Reference. VREF is
capable of supplying up to 18mA to external circuitry. VREF
should be decoupled to GND with a 1µF ceramic capacitor.
DRVB (Pin 4/Pin 1): High Speed 1.5A Sink, 1A Source
Totem Pole MOSFET Driver. Connect to gate of external
push-pull MOSFET with as short a PCB trace as practical
to preserve drive signal integrity. A low value resistor
connected between DRVA and the MOSFET gate is op-
tional and will improve the gate drive signal quality if the
PCB trace from the driver to the MOSFET cannot be made
short.
VCC (Pin 5/Pin 2): Supply Voltage Input to the LTC3721-1
and 10.25V Shunt Regulator. The chip is enabled after VCC
has risen high enough to allow the VCC shunt regulator to
conduct current and the UVLO comparator threshold is
exceeded. Once the VCC shunt regulator has turned on,
VCC can drop to as low as 6V (typical) and maintain
operation. Bypass VCC to GND with a high quality 1µF or
larger ceramic capacitor to supply the transient currents
caused by the high speed switching and capacitive loads
presented by the on chip totem pole drivers.
DRVA (Pin 6/Pin 3): High Speed 1.5A Sink, 1A Source
Totem Pole MOSFET Driver. Connect to gate of external
push-pull MOSFET with as short a PCB trace as practical
to preserve drive signal integrity. A low value resistor
connected between DRVA and the MOSFET gate is op-
tional and will improve the gate drive signal quality if the
PCB trace from the driver to the MOSFET cannot be made
short.
GND (Pin 7/Pin 4, Pin 5, Pin 17): All circuits in the
LTC3721-1 are referenced to GND. Use of a ground plane
is highly recommended. VIN and VREF bypass capacitors
must be terminated with a star configuration as close to
DESCRIPTIO S
PI
GND as practical for best performance. For the 4mm ×
4mm QFN package only, the internal power (PGND) and
signal (SGND) buses are connected separately to pins 4
and 5 respectively, and the exposed pad must be soldered
to PCB ground.
CT (Pin 8/Pin 6): Timing Capacitor for the Oscillator. Use
a ±5% or better low ESR ceramic capacitor for best
results. CT ramp amplitude is 2.35V peak-to-peak
(typical).
DPRG (Pin 9/Pin 8): Programming Input for Push-Pull
Dead-Time. Connect a resistor between DPRG and VREF to
program the dead-time. The nominal voltage on DPRG is
2V.
CS (Pin 10/Pin 9): Input to Pulse-by-Pulse and Overload
Current Limit Comparators, Output of Slope Compensa-
tion Circuitry. The pulse-by-pulse comparator has a nomi-
nal 300mV threshold, while the overload comparator has
a nominal 600mV threshold. An internal switch discharges
CS to GND after every timing period. Slope compensation
current flows out of CS during the PWM period.
An external resistor connected from CS to the external
current sense resistor programs the amount of slope
compensation.
COMP (Pin 11/Pin 10): Error Amplifier Output, Inverting
Input to Phase Modulator.
RLEB (Pin 12/Pin 11): Timing Resistor for Leading Edge
Blanking. Use a 10k to 100k resistor connected between
RLEB and GND to program from 40ns to 310ns of leading
edge blanking of the current sense signal on CS for the
LTC3721-1. A ±1% tolerance resistor is recommended.
The nominal voltage on RLEB is 2V. If leading edge blank-
ing is not required, tie RLEB to VREF to disable.
(GN Package/UF Package)


Similar Part No. - LTC3721-1

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3721-1 LINER-LTC3721-1 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
LTC3721-1 LINER-LTC3721-1 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
More results

Similar Description - LTC3721-1

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
   100V Push-Pull Voltage Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
   100V Push-Pull Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com