Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD7420TE-25.0M-PLE-T250 Datasheet(PDF) 6 Page - Pletronics, Inc.

Part # FD7420TE-25.0M-PLE-T250
Description  Multi-Output CMOS Clock Oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD7420TE-25.0M-PLE-T250 Datasheet(HTML) 6 Page - Pletronics, Inc.

Back Button FD7420TE-25.0M-PLE-T250 Datasheet HTML 2Page - Pletronics, Inc. FD7420TE-25.0M-PLE-T250 Datasheet HTML 3Page - Pletronics, Inc. FD7420TE-25.0M-PLE-T250 Datasheet HTML 4Page - Pletronics, Inc. FD7420TE-25.0M-PLE-T250 Datasheet HTML 5Page - Pletronics, Inc. FD7420TE-25.0M-PLE-T250 Datasheet HTML 6Page - Pletronics, Inc. FD7420TE-25.0M-PLE-T250 Datasheet HTML 7Page - Pletronics, Inc. FD7420TE-25.0M-PLE-T250 Datasheet HTML 8Page - Pletronics, Inc. FD7420TE-25.0M-PLE-T250 Datasheet HTML 9Page - Pletronics, Inc. FD7420TE-25.0M-PLE-T250 Datasheet HTML 10Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
FD7T Series Multi-Output
CMOS Clock Oscillator
May 2008
www.pletronics.com
425-776-1880
6
Output Buffers
Each output buffer can have 3 modes of operation:
1) Tri State
2) Active Low
3) The signal output of the Multiplexer
The output buffers for Out2 and Out3 and the output buffers Out6 and Out7 function as pairs. When
selecting on the function both outputs in the pair function the same.
There can be two options stored for the Output Buffers, State 0 and State 1. The eight Sx input settings
can have assigned one of the two Output Buffer states for each of Output Buffer sets.
This permits wired ‘OR’ of tri-state outputs, this permits setting total enable and disable functions of all
outputs.
Control Inputs
The three inputs, S0, S1/SDA and S2/SCL can be configured in two ways.
1)
Used as 3 user inputs to permit up to 8 states, Sx input setting.
2)
S0 used as an input to permit up to 2 states, S0 input setting. The SDA and SCL become clock
and data inputs to write to the FD7T internal setting memory. The interface follows the I
2C
protocol. If the SDA and SCL are not set then the internal eePROM sets the operation.
The S0, S1 and S2 input signals control and variations states allowed:
Inputs
PLL #1
PLL #2
PLL #3
PLL #4
Output
S2
S1
S0
SS
PLL
SS
PLL
SS
PLL
SS
PLL
123456
7
0
0
0
0/7
0/1
0/7
0/1
0/7
0/1
0/7
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0
0
1
0/7
0/1
0/7
0/1
0/7
0/1
0/7
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0
1
0
0/7
0/1
0/7
0/1
0/7
0/1
0/7
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0
1
1
0/7
0/1
0/7
0/1
0/7
0/1
0/7
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
1
0
0
0/7
0/1
0/7
0/1
0/7
0/1
0/7
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
1
0
1
0/7
0/1
0/7
0/1
0/7
0/1
0/7
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
1
1
0
0/7
0/1
0/7
0/1
0/7
0/1
0/7
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
1
1
1
0/7
0/1
0/7
0/1
0/7
0/1
0/7
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
The MUX inputs are fixed independent of the Sx setting.
The Divider Values are fixed independent of the Sx setting
Specifying The FD7T Device For A Specific Application
Pletronics provides an EXCEL spreadsheet based program that assists in defining the FD77T functions.
The program only permits setting of parameters that will properly function. After defining the desired
functions, this spreadsheet is sent to Pletronics and the Configuration Part Number will then be
assigned. Pletronics uses the values in the spreadsheet to program the devices for shipment.


Similar Part No. - FD7420TE-25.0M-PLE-T250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FD7-10 ETC2-FD7-10 Datasheet
75Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
logo
TRIAD MAGNETICS
FD7-10 TRIAD-FD7-10 Datasheet
65Kb / 1P
   Chassis Mount: Quick Pack
logo
List of Unclassifed Man...
FD7-12 ETC2-FD7-12 Datasheet
75Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
logo
TRIAD MAGNETICS
FD7-12 TRIAD-FD7-12 Datasheet
65Kb / 1P
   Chassis Mount: Quick Pack
FD7-120 TRIAD-FD7-120 Datasheet
62Kb / 1P
   Chassis Mount: Quick Pack
More results

Similar Description - FD7420TE-25.0M-PLE-T250

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com