Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5R0402ATTP225K Datasheet(PDF) 7 Page - KOA Speer Electronics, Inc.

Part # X5R0402ATTP225K
Description  Ceramic Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

X5R0402ATTP225K Datasheet(HTML) 7 Page - KOA Speer Electronics, Inc.

  X5R0402ATTP225K Datasheet HTML 1Page - KOA Speer Electronics, Inc. X5R0402ATTP225K Datasheet HTML 2Page - KOA Speer Electronics, Inc. X5R0402ATTP225K Datasheet HTML 3Page - KOA Speer Electronics, Inc. X5R0402ATTP225K Datasheet HTML 4Page - KOA Speer Electronics, Inc. X5R0402ATTP225K Datasheet HTML 5Page - KOA Speer Electronics, Inc. X5R0402ATTP225K Datasheet HTML 6Page - KOA Speer Electronics, Inc. X5R0402ATTP225K Datasheet HTML 7Page - KOA Speer Electronics, Inc. X5R0402ATTP225K Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Maximum Component Rotation
Side or Front Sectional View
Example "A"
20°
Top View Example "B"
20° Maximum Component Rotation
Typical component
cavity center line
Typical component
center line
B O
AO
10. Carrier Tape Specifications
Punched paper tape
8 & 12mm
Bottom
cover
tape
T1
T
Top
cover
tape
D0
P2
A0
B0
P0
10 pitches cumulative
tolerance on tape
±0.008 (±0.2)
Center lines
of cavity
User direction of feed
Cavity size,
see note 1
G1
E
F
W
G2
T1
P1
PAGE 7 OF 8
SS-241 R5
Tape Size
Constant
D0
E
P0
P2
T1
G1
G2
R MIN
8mm
.059
.069 ± .004
.157 ± .004
.079 ± .002
.004
.030
.030
.984
and
(1.5
)
(1.75 ±0.10)
(4.0 ± 0.10)
(2.0 ± 0.05)
(0.10)
(0.75)
(0.75)
(25)
12mm
Max.
Min.
Min.
See note 2
Tape Size
Variable
P1
F
W
A0B0
T
8mm
.157 ± .004
.138 ± .002
.315
(4.0 ± 0.10)
(3.5 ± 0.05)
(8.0
)
12mm
.157 ± .004
.217 ± .002
.472 ± .012
(4.0 ± .010)
(5.5 ± 0.05)
(12.0 ± 0.3)
See note 1
See note 3
8mm
.079 ± .004
.138 ± .002
.315
1/2 Pitch
(2.0 ± 0.10)
(3.5 ± 0.05)
(8.0
)
12mm
.315 ± .004
.217 ± .002
.472 ± .012
Double Pitch
(8.0 ± .010)
(5.5 ± 0.05)
(12.0 ± 0.3)
Dimensions in inches (mm)
± .004
- .000
± 0.1
- 0.0
± .012
- .004
± 0.3
- 0.1
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Spec if i ca ti ons gi v en h er ei n m ay be c hanged at any ti m e wi t hout pr i or noti c e. Pl eas e c onf ir m tec hni c al s peci f i cat i ons bef or e y ou or der a nd/or use .
Notes:
5. The embossed hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of embossment
location and hole location shall be applied independent of each other.
6. B1 dimension is a reference dimension for tape feeder clearance only.
9. Carrier Tape Specifications (continued)
Embossed plastic
8 & 12mm
± .012
- .004
± 0.3
- 0.1


Similar Part No. - X5R0402ATTP225K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
X5R0402ATTP101B KOA-X5R0402ATTP101B Datasheet
161Kb / 6P
   ceramic chip capacitors
X5R0402ATTP101B KOA-X5R0402ATTP101B Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R0402ATTP101C KOA-X5R0402ATTP101C Datasheet
161Kb / 6P
   ceramic chip capacitors
X5R0402ATTP101C KOA-X5R0402ATTP101C Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R0402ATTP101D KOA-X5R0402ATTP101D Datasheet
161Kb / 6P
   ceramic chip capacitors
More results

Similar Description - X5R0402ATTP225K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com