Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR733ATTDD1R00D Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # SR733ATTDD1R00D
Description  Low Resistance Flat Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SR733ATTDD1R00D Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  SR733ATTDD1R00D Datasheet HTML 1Page - KOA Speer Electronics, Inc. SR733ATTDD1R00D Datasheet HTML 2Page - KOA Speer Electronics, Inc. SR733ATTDD1R00D Datasheet HTML 3Page - KOA Speer Electronics, Inc. SR733ATTDD1R00D Datasheet HTML 4Page - KOA Speer Electronics, Inc. SR733ATTDD1R00D Datasheet HTML 5Page - KOA Speer Electronics, Inc. SR733ATTDD1R00D Datasheet HTML 6Page - KOA Speer Electronics, Inc. SR733ATTDD1R00D Datasheet HTML 7Page - KOA Speer Electronics, Inc. SR733ATTDD1R00D Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 8
KOA SPEER ELECTRONICS, INC.
SS-239 R4
5. Rating
5-1 Rating
For temperature in excess of 70°C,
the load shall be derated in accordance
with the following figure.
4. Standard Applications
Derating Curve
Surface Temperature Rise
100
80
60
40
20
-60
-40
0
40
60
80
100
160
70
20
Ambient Temperature
(
°C)
0
-55
120
155
-20
140
150
1E
1J, 2A, 2B,
2E, 2H, 3A
180
160
120
80
40
25
50
75
100
% Rated Power
W3A (1W)
W2H (.75W)
2E (.5W)
2A (.25W)
1E (.125W)
0
0
140
100
60
20
2E (.66W)
2B (.5W)
2A (.33W)
1J (.2W)
1E (.166W)
2B (.33W)
Measuring Point
* Parenthesis indicate EIA package size codes.
** See Appendix D for available decade values.
*** 1E (F: ±1%) E-24 values only.
1
Power Rating for SR731E 0.91Ω - 10Ω = 1/10 (0.1W)
2
Please contact factory for limitation of Surface Mount Temp. Rise
Absolute
Maximum
Working
Voltage
E-24, E-96
(F±1%)
E-24
(G±2%)
E-24
(J±5%)
Part
Designation*
Maximum
Overload
Voltage
(5 Secs. Max.)
Operating
Temperature
Range
Power
Rating
@ 70°C
SR731E
(0402)
SR731J
(0603)
0.51Ω - 10Ω***
0.2Ω - 0.47Ω***
0.1Ω - 0.18Ω***
0.51Ω - 10Ω
0.2Ω - 0.47Ω
0.1Ω - 0.18Ω
0.1Ω - 10Ω
0.1Ω - 10Ω
0.1Ω - 10Ω
0.51Ω - 10Ω
0.2Ω - 0.47Ω
1.11V
2.79V
1.41V
3.53V
0.1Ω - 0.18Ω
±200
±300
1/8W (.125W)
1/6W (.166W2)
1/5W (.2W)
SR732A
(0805)
1.58V
3.95V
1/4W (.25W)
1/3W (.33W2)
±500
±200
Resistance Range**
T.C.R.
(ppm/°C)
Max.
-55°C
to
+150°C
0.1Ω - 10Ω
±100
0.1Ω - 10Ω
±200
0.1Ω - 10Ω
——
±500
0.051Ω - 0.091Ω
——
±800
0.030Ω - 0.047Ω
SR732B
(1206)
1.81V
4.54V
1/3W (.33W)
1/2W (.5W2)
0.1Ω - 10Ω
±100
0.1Ω - 10Ω
±200
0.1Ω - 10Ω
——
±500
0.056Ω - 0.091Ω
——
±800
0.030Ω - 0.051Ω
SR732H
(2010)
2.73V
6.84V
3/4W (.75W)
0.1Ω - 10Ω
±100
0.1Ω - 10Ω
±200
0.1Ω - 10Ω
——
±500
0.056Ω - 0.091Ω
——
±800
0.033Ω - 0.051Ω
SR733A
(2512)
3.16V
7.90V
1W
0.1Ω - 10Ω
±100
0.1Ω - 10Ω
±200
0.1Ω - 10Ω
——
±500
0.056Ω - 0.091Ω
——
±800
0.039Ω - 0.051Ω
SR732E
(1210)
2.23V
5.59V
1/2W (.5W)
2/3W (.66W2)
0.1Ω - 10Ω
±100
0.1Ω - 10Ω
±200
0.047Ω - 10Ω
——
±500
0.036Ω - 0.043Ω
——
±1000
0.024Ω - 0.033Ω
E-24, E-96
(D±0.5%)
0.15Ω - 10Ω
0.15Ω - 10Ω
SS-239 R4
12/5/07
10:11 AM
Page 2


Similar Part No. - SR733ATTDD1R00D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SR733ATTDD1R00 KOA-SR733ATTDD1R00 Datasheet
98Kb / 2P
   lo-ohm 0.5%, 1%, 2%,5%tolerance thick film current sense resistor
More results

Similar Description - SR733ATTDD1R00D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
   Low Resistance Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
KOA Speer Electronics, ...
UR73V KOA-UR73V Datasheet
96Kb / 2P
   low resistance flat chip resistor
logo
Panasonic Semiconductor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
CC1512FC ETC2-CC1512FC Datasheet
173Kb / 2P
   Low Resistance Precision Chip Resistors
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
   Low Resistance Precision Chip Resistors
RLH12FTCR100 ETC-RLH12FTCR100 Datasheet
488Kb / 8P
   High Power Low Resistance Chip Resistors
logo
HOKURIKU ELECTRIC INDUS...
WLCR32-R10JV HOKURIKU-WLCR32-R10JV Datasheet
153Kb / 2P
   High Power Low Resistance Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com