Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

78ST100 Datasheet(PDF) 4 Page - Texas Instruments

Part No. 78ST100
Description  1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

78ST100 Datasheet(HTML) 4 Page - Texas Instruments

  78ST100 Datasheet HTML 1Page - Texas Instruments 78ST100 Datasheet HTML 2Page - Texas Instruments 78ST100 Datasheet HTML 3Page - Texas Instruments 78ST100 Datasheet HTML 4Page - Texas Instruments 78ST100 Datasheet HTML 5Page - Texas Instruments 78ST100 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
78ST133VC
NRND
SIP MOD
ULE
EFD
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
78ST136HC
NRND
SIP MOD
ULE
EFA
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
78ST136SC
OBSOLETE SIP MOD
ULE
EFC
3
TBD
Call TI
Call TI
78ST136SCT
OBSOLETE SIP MOD
ULE
EFC
3
TBD
Call TI
Call TI
78ST136VC
OBSOLETE SIP MOD
ULE
EFD
3
TBD
Call TI
Call TI
78ST151HC
OBSOLETE SIP MOD
ULE
EFA
3
TBD
Call TI
Call TI
78ST151SC
OBSOLETE SIP MOD
ULE
EFC
3
TBD
Call TI
Call TI
78ST151SCT
OBSOLETE SIP MOD
ULE
EFC
3
TBD
Call TI
Call TI
78ST151VC
OBSOLETE SIP MOD
ULE
EFD
3
TBD
Call TI
Call TI
78ST165HC
NRND
SIP MOD
ULE
EFA
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
78ST165SC
NRND
SIP MOD
ULE
EFC
3
25
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
78ST165SCT
OBSOLETE SIP MOD
ULE
EFC
3
TBD
Call TI
Call TI
78ST165VC
NRND
SIP MOD
ULE
EFD
3
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2006
Addendum-Page 2


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PT78ST100 1.5 Amp Positive Step-Down Integrated Switching Regulator 1  2  3  4  Texas Instruments
N2576G 52 KHz 3A Step-Down Switching Voltage Regulator SVR 1  2  3  4  5  List of Unclassifed Manufacturers
N2576G-3.3 52 KHz 3A Step-Down Switching Voltage Regulator SVR 1  2  3  4  5  List of Unclassifed Manufacturers
N2576G-5 52 KHz 3A Step-Down Switching Voltage Regulator SVR 1  2  3  4  5  List of Unclassifed Manufacturers
LT1977 High Voltage 1.5A 500kHz Step-Down Switching Regulator with 100uA Quiescent Current 1  2  3  4  5  More Linear Technology
AD8000 1.5 GHz Ultrahigh Speed Op Amp 1  2  3  4  5  More Analog Devices
A8499 High Voltage Step-Down Regulator 1  2  3  4  5  More Allegro MicroSystems
AD8003 Triple 1.5 GHz Op Amp 1  2  3  4  5  More Analog Devices
AN6531 4-pin variable positive output voltage regulator 1  2  3  4  5  Panasonic Semiconductor
SH1605 5A Efficient Switching Regulator 1  2  3  4  Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn