Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR0805TTEB101K Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # SDR0805TTEB101K
Description  Fixed High-Frequency Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDR0805TTEB101K Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  SDR0805TTEB101K Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDR0805TTEB101K Datasheet HTML 2Page - KOA Speer Electronics, Inc. SDR0805TTEB101K Datasheet HTML 3Page - KOA Speer Electronics, Inc. SDR0805TTEB101K Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS-201 R
2
AHA 6/30/06
PAGE 1 OF 4
Fixed High-Frequency Inductors
Type SDR0805 (SMD Power Chokes)
1. Scope
This specification applies to SMD type choke coil SDR0805 produced by KOA Speer Electronics, Inc.
3. Type Designation
2. Dimensions and Construction
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
CERTIFIED
CERTIFIED
KOA SPEER ELECTRONICS, INC.
Size
Tolerance
Nominal
Inductance
0805
K: ±10%
M: ±20%
100: 10µH
101: 100µH
0805
M
100
Packaging
TEB: 13" Embossed Plastic
(0805: 1,000 pieces/reel)
TEB
Termination
Material
T: Sn
(Other termination
styles available,
contact factory
for options)
T
SDR
Type
B
A
F
Magnet
Wire
Electrode
Ceramic
Substrate
A
.295±.012
(7.5±0.3)
.197±.012
(5.0±0.3)
.102
(2.6)
B
F (typ.)
Dimensions inches
(mm)
0805
Size
Item
Materials
(1) Core:
Ferrite dr. core
(2) Winding Wire:
Enameled copper wire
(3) Terminal Electrode:
Ag + Sn/Pb
4. Structure
5. PCB Pattern
A
.31
(8.0)
.094
(2.4)
.31
(7.8)
BC
Dimensions inches (mm)
0805
Size
B
A
C


Similar Part No. - SDR0805TTEB101K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDR0805TTEB101K KOA-SDR0805TTEB101K Datasheet
93Kb / 3P
   power choke coil inductor
More results

Similar Description - SDR0805TTEB101K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDR0604TTEB KOA-SDR0604TTEB Datasheet
78Kb / 4P
   Fixed High-Frequency Inductors
SDR1006T KOA-SDR1006T Datasheet
79Kb / 4P
   Fixed High-Frequency Inductors
logo
TDK Electronics
MLK1005S1N0S TDK-MLK1005S1N0S Datasheet
151Kb / 15P
   Inductors for High Frequency
logo
Allied Components Inter...
HFC05-1N0S-RC ALLIED-HFC05-1N0S-RC Datasheet
410Kb / 1P
   High Frequency Chip Inductors
HFC10-1N0S-RC ALLIED-HFC10-1N0S-RC Datasheet
364Kb / 1P
   High Frequency Chip Inductors
logo
TE Connectivity Ltd
3640 TEC-3640 Datasheet
177Kb / 3P
   High Frequency Inductors SMD
10/2012
logo
Allied Components Inter...
HFC03SM ALLIED-HFC03SM Datasheet
430Kb / 1P
   High Frequency Chip Inductors
HFC03 ALLIED-HFC03 Datasheet
461Kb / 1P
   High Frequency Chip Inductors
HFC05 ALLIED-HFC05 Datasheet
379Kb / 1P
   High Frequency Chip Inductors
HFC03-0N2S-RC ALLIED-HFC03-0N2S-RC Datasheet
366Kb / 1P
   High Frequency Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com