Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD5120TLE-25.0M-PLE-T250 Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # FD5120TLE-25.0M-PLE-T250
Description  Programmable CMOS Clock Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD5120TLE-25.0M-PLE-T250 Datasheet(HTML) 1 Page - Pletronics, Inc.

  FD5120TLE-25.0M-PLE-T250 Datasheet HTML 1Page - Pletronics, Inc. FD5120TLE-25.0M-PLE-T250 Datasheet HTML 2Page - Pletronics, Inc. FD5120TLE-25.0M-PLE-T250 Datasheet HTML 3Page - Pletronics, Inc. FD5120TLE-25.0M-PLE-T250 Datasheet HTML 4Page - Pletronics, Inc. FD5120TLE-25.0M-PLE-T250 Datasheet HTML 5Page - Pletronics, Inc. FD5120TLE-25.0M-PLE-T250 Datasheet HTML 6Page - Pletronics, Inc. FD5120TLE-25.0M-PLE-T250 Datasheet HTML 7Page - Pletronics, Inc. FD5120TLE-25.0M-PLE-T250 Datasheet HTML 8Page - Pletronics, Inc. FD5120TLE-25.0M-PLE-T250 Datasheet HTML 9Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2008, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
Reference
oscillator
optional
Voltage
controlled
- Programming
control
- eePROM
- SDA/SCL
Registers
- Sx Control
S2/SCL (1)
S1/SDA (2)
(4)
Out
Y1
PLL Multiplier #1
optional Spread Spectrum
optional Bypass Mode
MUX #1
Divider #1
/1 to /1023
Vddout
(6)
Vdd 1.8V (5)
Ground (3)
Optional
Vcontrol
FD5T Series
Programmable
CMOS Clock Oscillator
November 2008
• Pletronics’ FD5T Series is a quartz crystal
controlled precision square wave generator with a
programmable CMOS output
• Output frequency from 12 KHz to 230 MHZ
• Selectable low jitter or spread spectrum output.
• Device characteristics may be either factory or
field programmable
• 1.8V, 2.5 or 3.3V LVCMOS outputs
• 3.2 x 5 mm LCC Ceramic Package
Low power
• This is a low cost, mass produced oscillator.
• Tape and Reel or cut tape packaging is
available.
• Designed for high density SMD needs
• Excellent frequency stability options
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.09 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
DD
-0.5V to +2.5V
V
DDOUT
-0.5V to +4.6V
Vi
Input Voltage
-0.5V to V
DD+ 0.5V
Vo
Output Voltage
-0.5V to V
DDOUT + 0.5V
Io
Continuous Output Current
+
_ 50 mA
Tj Maximum Junction Temperature
125
oC
Thermal Resistance, Junction to Case
50
oC/Watt


Similar Part No. - FD5120TLE-25.0M-PLE-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
FD5120TLE-32.768K PLETRONICS-FD5120TLE-32.768K Datasheet
134Kb / 11P
   CMOS Clock Oscillator
FD5120TLE-32.768K-1K PLETRONICS-FD5120TLE-32.768K-1K Datasheet
134Kb / 11P
   CMOS Clock Oscillator
FD5120TLE-32.768K-T250 PLETRONICS-FD5120TLE-32.768K-T250 Datasheet
134Kb / 11P
   CMOS Clock Oscillator
FD5120TLE-32.768K-T500 PLETRONICS-FD5120TLE-32.768K-T500 Datasheet
134Kb / 11P
   CMOS Clock Oscillator
More results

Similar Description - FD5120TLE-25.0M-PLE-T250

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
ECS, Inc.
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143X ECS-ECS-P143X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83 ECS-ECS-P83 Datasheet
174Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143 ECS-ECS-P143 Datasheet
173Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83X ECS-ECS-P83X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
ECS, Inc.
ECS-P53 ECS-ECS-P53 Datasheet
190Kb / 1P
   PROGRAMMABLE SMD CLOCK OSCILLATOR
ECS-P73 ECS-ECS-P73 Datasheet
115Kb / 1P
   PROGRAMMABLE SMD CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com