Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD5145TLE-25.0M-PLE-T250 Datasheet(PDF) 10 Page - Pletronics, Inc.

Part # FD5145TLE-25.0M-PLE-T250
Description  Programmable CMOS Clock Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD5145TLE-25.0M-PLE-T250 Datasheet(HTML) 10 Page - Pletronics, Inc.

Back Button FD5145TLE-25.0M-PLE-T250 Datasheet HTML 4Page - Pletronics, Inc. FD5145TLE-25.0M-PLE-T250 Datasheet HTML 5Page - Pletronics, Inc. FD5145TLE-25.0M-PLE-T250 Datasheet HTML 6Page - Pletronics, Inc. FD5145TLE-25.0M-PLE-T250 Datasheet HTML 7Page - Pletronics, Inc. FD5145TLE-25.0M-PLE-T250 Datasheet HTML 8Page - Pletronics, Inc. FD5145TLE-25.0M-PLE-T250 Datasheet HTML 9Page - Pletronics, Inc. FD5145TLE-25.0M-PLE-T250 Datasheet HTML 10Page - Pletronics, Inc. FD5145TLE-25.0M-PLE-T250 Datasheet HTML 11Page - Pletronics, Inc. FD5145TLE-25.0M-PLE-T250 Datasheet HTML 12Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FD5T Series Programmable
CMOS Clock Oscillator
November 2008
www.pletronics.com
425-776-1880
10
3
4
1
2
6
5
Mechanical:
Inches
mm
A
0.197 +
_0.006
5.00 +
_0.15
B
0.125 +
_0.006
3.20 +
_0.15
C
0.053 max
1.35 max
D
1
0.050
1.27
E
1
0.050
1.27
F
1
0.004
0.10
G
1
0.039
1.00
H
1
0.025
0.63
Contacts
:
Gold 11.8 µinches
0.3 µm minimum over
Nickel 50 to 350 µinches
1.27 to 8.89 µm
1 Typical dimensions
Not to Scale
I
1
0.020
0.50
J
1
0.004R
0.10R
K
1
0.008R
0.20R
Pad Functions:
Pad
Function
Note
1
S1/SDA
Serial Data Clock (optional V control - VCXO)
S2
Input to select 1 of 4
preprogrammed functions of
the outputs (optional)
2
S2/SCL
Serial Data
S1
3
Ground (GND)
4
Out (Y3)
Crystal reference frequency divided by 1 through 1023
PLL1 frequency divided by 1 through 1023
5V
DD
1.8V, powers internal circuitry of the oscillator. Bypass capacitor required near the
package pin.
6V
DDOUT
1.8V, 2.5V or 3.3V supply for the output buffers. Sets CMOS output level. Bypass
capacitor required near the package pin.
All unused inputs should be pulled high.


Similar Part No. - FD5145TLE-25.0M-PLE-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
FD5145TLE-32.768K PLETRONICS-FD5145TLE-32.768K Datasheet
134Kb / 11P
   CMOS Clock Oscillator
FD5145TLE-32.768K-1K PLETRONICS-FD5145TLE-32.768K-1K Datasheet
134Kb / 11P
   CMOS Clock Oscillator
FD5145TLE-32.768K-T250 PLETRONICS-FD5145TLE-32.768K-T250 Datasheet
134Kb / 11P
   CMOS Clock Oscillator
FD5145TLE-32.768K-T500 PLETRONICS-FD5145TLE-32.768K-T500 Datasheet
134Kb / 11P
   CMOS Clock Oscillator
More results

Similar Description - FD5145TLE-25.0M-PLE-T250

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
ECS, Inc.
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143X ECS-ECS-P143X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83 ECS-ECS-P83 Datasheet
174Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143 ECS-ECS-P143 Datasheet
173Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83X ECS-ECS-P83X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
ECS, Inc.
ECS-P53 ECS-ECS-P53 Datasheet
190Kb / 1P
   PROGRAMMABLE SMD CLOCK OSCILLATOR
ECS-P73 ECS-ECS-P73 Datasheet
115Kb / 1P
   PROGRAMMABLE SMD CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com