Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD432S Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STD432S
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD432S Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STD432S Datasheet HTML 1Page - SamHop Microelectronics Corp. STD432S Datasheet HTML 2Page - SamHop Microelectronics Corp. STD432S Datasheet HTML 3Page - SamHop Microelectronics Corp. STD432S Datasheet HTML 4Page - SamHop Microelectronics Corp. STD432S Datasheet HTML 5Page - SamHop Microelectronics Corp. STD432S Datasheet HTML 6Page - SamHop Microelectronics Corp. STD432S Datasheet HTML 7Page - SamHop Microelectronics Corp. STD432S Datasheet HTML 8Page - SamHop Microelectronics Corp. STD432S Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TC=25 C unless otherwise noted)
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS
Diode Forward Voltage
VSD
VGS = 0V, Is = 20A
1.3
V
a
Notes
b.Guaranteed by design, not subject to production testing.
a.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
S TU/D432S
0.91
F igure 2. Transfer C haracteristics
F igure 4. On-R esistance Variation with
Drain C urrent and Temperature
ID, Drain C urrent (A)
V GS , G ate-to-S ource Voltage (V )
3
16
12
8
4
1
60
48
36
24
0
0
0.7
1.4
2.1
2.8
3.5
4.2
T j( C )
T j, J unction T emperature ( C )
F igure 1. Output C haracteristics
V DS , Drain-to-S ource Voltage (V )
80
60
40
20
0
0
0.5
1
1.5
2
2.5
3
F igure 3. On-R esistance vs. Drain C urrent
and G ate V oltage
20
40
60
80
100
1
V GS =10V
V GS =4.5V
2.0
1.8
1.6
1.4
1.2
1.0
0
0
25
50
125
100
75
V GS =10V
ID=10A
V GS =4.5V
ID=5A
150
100
20
12
V GS =10V
V GS =3V
V GS =2.5V
V GS =3.5V
V GS =4V
25 C
-55 C
T j=125 C
c. S in
tr
a
t
g TJ=25 c , L=0.5 mH, RG=25W , IAS 23
=
A,
(
)
S e
e Figure13
VDD<
-V( )
BR DSS


Similar Part No. - STD432S

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
STD430BLK VCC-STD430BLK Datasheet
67Kb / 1P
   STD
logo
SamHop Microelectronics...
STD434S SAMHOP-STD434S Datasheet
235Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STD437S SAMHOP-STD437S Datasheet
121Kb / 10P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - STD432S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com