Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKL16ED Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RKL16ED
Description  thick film SIP resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RKL16ED Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RKL16ED Datasheet HTML 1Page - KOA Speer Electronics, Inc. RKL16ED Datasheet HTML 2Page - KOA Speer Electronics, Inc. RKL16ED Datasheet HTML 3Page - KOA Speer Electronics, Inc. RKL16ED Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
68
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/28/08
RKC, RKH, RKL
thick film SIP resistors
features
Available in various types of standard
circuits in different sizes and power
Higher temperature soldering of the leads prevents
terminals from loosening during board assembly
For automatic insertion machines, stick magazines
and taping packages are available
Marking: Black body color with white marking
Products with lead-free terminations meet EU RoHS
requirements. Pb located in glass material, electrode
and resistor element is exempt per Annex 1, exemption
5 of EU directive 2005/95/EC
dimensions and construction
.01±.004
(0.25±0.1)
Glass Coating
Resistive Film
L
.098
(2.5)
max.
Inner
Electrode
Ceramic
Substrate
Protective
Coating
.047±.008
(1.2±0.2)
Lead
Frame
.02±.004
(0.5±0.1)
H
.13
(3.3 )
+0.5
-0.3
+.02
-.012
p
For further information on packaging,
please refer to Appendix C.
STP, STB,
TBA, TPA,
TUA
ordering information
F: ±1%
G: ±2%
J: ±5%
B, S, C, D,
A, T, E,
R, L, K
RKC
RKH
RKL
D: SnAgCu
(Other termination
styles available,
contact factory
for options)
3 - 16
RKC
8
B
D
Circuit
Symbol
Type
Number of
Resistors
Tolerance
Termination
Material
Packaging
New Part #
STP
F
2 significant figures
+ 1 multiplier for ±2%
& ±5%
3 significant figures
+ 1 multiplier for ±1%
Nominal Resistance
103
EU
Size
Code
RKS
(2.54 pitch)
10
11
9
8
7
6
5
4
3
Number of Pins
Dimen. in.
(mm)
12.7
260
15.3
390
17.8
455
20.3
520
22.8
585
12.7
325
RKC
(1.8 pitch)
10.8
400
15.5
580
15.8
650
17.8
720
20.4
760
12.7
500
10.2
300
10.1
195
RKH
13.3
700
18.3
1050
20.9
1250
23.4
1400
25.9
1500
15.8
875
10.8
525
RKL
8.20
250
22.8
650
20.9
820
28.5
1600
27.94
1150
12.70
500
78.78
750
20.32
875
22.86
1000
25.40
1050
15.24
625
10.16
375
8.20
250
L
W
L
W
L
W
L
W
L
W
10.8
375
13.2
500
18.3
750
20.9
875
23.4
1000
25.9
1050
RKC
(2.54 pitch)
15.8
625
28.5
1150
12
25.4
715
23.5
850
31.0
1700
30.48
1250
31.0
1250
13
25.4
880
33.6
1800
33.6
1350
14
28.5
900
36.1
1450
15
38.7
1500
16
41.3
1550
H max.
.200
(5.08)
.256
(6.5)
.421
(10.7)
.200
(5.08)
.256
(6.5)
p
.079±.008
(2.0±0.2)
.071±.006
(1.8±0.15)
.100±.008
(2.54±0.2)
.100±.008
(2.54±0.2)
.100±.008
(2.54±0.2)
1733 Reader's Spreads pg1-203:document
1/27/09
4:06 PM
Page 66


Similar Part No. - RKL16ED

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RKL8ADSTB103F KOA-RKL8ADSTB103F Datasheet
276Kb / 4P
   thick film SIP resistors
RKL8ADSTB103G KOA-RKL8ADSTB103G Datasheet
276Kb / 4P
   thick film SIP resistors
RKL8ADSTB103J KOA-RKL8ADSTB103J Datasheet
276Kb / 4P
   thick film SIP resistors
RKL8ADSTP103F KOA-RKL8ADSTP103F Datasheet
276Kb / 4P
   thick film SIP resistors
RKL8ADSTP103G KOA-RKL8ADSTP103G Datasheet
276Kb / 4P
   thick film SIP resistors
More results

Similar Description - RKL16ED

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RKC8BDSTP103F KOA-RKC8BDSTP103F Datasheet
276Kb / 4P
   thick film SIP resistors
logo
Bourns Electronic Solut...
4612X BOURNS-4612X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4606X BOURNS-4606X_11 Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4605X BOURNS-4605X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4604X BOURNS-4604X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4608X BOURNS-4608X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4609X BOURNS-4609X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4610X BOURNS-4610X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4607X BOURNS-4607X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4611X BOURNS-4611X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com