Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU407DH Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # STU407DH
Description  Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU407DH Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

Back Button STU407DH Datasheet HTML 3Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 4Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 5Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 6Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 7Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 8Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 9Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 10Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
F igure 6. B rea kdown V olta ge V a ria tion
with T empera ture
F igure 8. B ody Diode F orwa rd V olta ge
V a ria tion with S ource C urrent
-V S D, B ody Diode F orward V oltage (V )
T j, J unction T empera ture ( C )
T j, J unction T empera ture ( C )
8
6
20.0
10.0
1.0
0.4
0.6
0.8
1.0
1.2
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50 -25
0
25
50
75
100 125 150
V DS =V GS
ID=-250uA
-50
-25
0
25
50
75
100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=-250uA
-V G S , G ate- S ource Voltage (V )
120
100
80
60
40
20
0
F igure 7. On-R es is tance vs .
G ate-S ource V oltage
2
4
6
8
10
0
F igure 5. G a te T hres hold V a ria tion
with T empera ture
25 C
125 C
75 C
25 C
75 C
125 C
ID=-6A
S T U407DH
200
160
120
80
40
0
0.0001
0.001
0.01
0.1
1
F igure 9. S ingle P uls e P ower R a ting
J unction-to-C a s e
T j(max)=175 C
T A=25 C


Similar Part No. - STU407DH

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU407D SAMHOP-STU407D Datasheet
879Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - STU407DH

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU309DH SAMHOP-STU309DH Datasheet
201Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STS3621 SAMHOP-STS3621 Datasheet
195Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STU309D SAMHOP-STU309D Datasheet
177Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STU312D SAMHOP-STU312D Datasheet
177Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STM4973 SAMHOP-STM4973 Datasheet
890Kb / 7P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDM4953 SAMHOP-SDM4953 Datasheet
358Kb / 5P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDU9435 SAMHOP-SDU9435 Datasheet
396Kb / 5P
   P - Channel E nhancement Mode F ield E ffect Transistor
STS4501 SAMHOP-STS4501 Datasheet
116Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM9435 SAMHOP-STM9435 Datasheet
655Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM4431 SAMHOP-STM4431 Datasheet
887Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com