Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-20224 Datasheet(PDF) 2 Page - Rhombus Industries Inc.

Part # T-20224
Description  Multi-Purpose Transformers with optional Electrostatic Sheilding
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-20224 Datasheet(HTML) 2 Page - Rhombus Industries Inc.

  T-20224 Datasheet HTML 1Page - Rhombus Industries Inc. T-20224 Datasheet HTML 2Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
Common Mode Rejection Ratio: 1000:1 min.
Electrical Specifications at 25OC
(With
Turns
OCL
E-T
Rise
Pri / Sec
L
L
Pri. DCR
Sec. DCR Ter. DCR
Shield)
Ratio
+ 20%
min.
Time max. C
W/W max.
max.
max.
max.
max.
Part No.
+ 5%
( mH )
( V-
µS )
( ns )
( pF )
(
µH )
(
Ω )( Ω )( Ω )
T-20228
1:1
0.2
91.0
17.0
3.1
2.7
1.5
1.5
---
T-20229
1:1
1.0
77.0
19.0
2.8
4.1
1.1
1.1
---
T-20230
1:1
10.0
224.0
200.0
22.0
4.5
11.0
11.0
---
T-20231
1:2
0.2
84.0
40.0
3.2
3.0
1.5
3.2
---
T-20232
1:2
1.0
77.0
46.0
3.2
4.62
1.1
2.5
---
T-20233
1:2
10.0
224.0
142.0
27.0
7.6
10.0
22.0
---
T-20234
1:1:1
0.2
91.0
19.0
2.8
4.8
1.8
1.8
1.8
T-20235
1:1:1
1.0
77.0
19.0
3.1
5.6
1.1
1.1
1.1
T-20236
1:1:1
10.0
224.0
84.0
24.0
6.4
11.0
11.0
11.0
T-20237
1CT:1CT
0.2
91.0
19.0
2.6
2.7
1.1
1.1
---
T-20238
1CT:1CT
1.0
77.0
21.0
2.5
3.2
1.8
1.8
---
T-20239
1CT:1CT
10.0
252.0
60.0
14.0
2.5
14.0
14.0
---
.100
(2.54)
TYP.
.400
(10.16)
.400
(10.16)
.558
(14.2)
MAX.
.558
(14.2)
MAX.
.400
(10.16)
MAX.
.120
(3.05)
MIN.
.558
(14.2)
MAX.
.558
(14.2)
MAX.
1
56
8
7
4
2
Multi-Purpose Transformers
with
Electrostatic Sheilding
2 CT Windings & Shield
Schematic Diagrams
8
1
6
7
2
5
4
Sec
Pri
8
1
6
7
2
5
4
Sec
Pri
Ter
3 Windings & Shield
High Flux Density
Isolation 700V
RMS minimum
300V Peak Pulse Voltage


Similar Part No. - T-20224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T-20 ETC2-T-20 Datasheet
739Kb / 16P
   MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
logo
Cooper Bussmann, Inc.
T-20 COOPER-T-20 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element
logo
Pentair plc. All rights...
T-20 PENTAIR-T-20 Datasheet
188Kb / 2P
   T-20 WATER FILTER FOR CLOUDINESS, CYSTS AND PRECIPITATED HEAT
logo
Eaton All Rights Reserv...
T-20 EATON-T-20 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
logo
Rhombus Industries Inc.
T-20000 RHOMBUS-IND-T-20000 Datasheet
33Kb / 1P
   SCR Trigger and Control Transformers
More results

Similar Description - T-20224

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-51100 RHOMBUS-IND-T-51100 Datasheet
30Kb / 1P
   Multi Purpose Transformers
T-50100 RHOMBUS-IND-T-50100 Datasheet
36Kb / 1P
   Multi-Purpose Single Transformers
T-35200 RHOMBUS-IND-T-35200 Datasheet
33Kb / 1P
   Miniature Multi-Purpose Audio Transformers
T-30800 RHOMBUS-IND-T-30800 Datasheet
39Kb / 1P
   Encapsulated Multi-Purpose Audio Transformers
T-30700 RHOMBUS-IND-T-30700 Datasheet
42Kb / 1P
   High Isolation Multi-Purpose Audio Transformers
T-30600 RHOMBUS-IND-T-30600 Datasheet
39Kb / 1P
   Multi-Purpose Voice & Data Coupling Transformers
T-30000 RHOMBUS-IND-T-30000 Datasheet
35Kb / 1P
   Low Cost Multi-Purpose Audio Transformers
logo
Renesas Technology Corp
ISL6558 RENESAS-ISL6558 Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
logo
Intersil Corporation
ISL6558 INTERSIL-ISL6558 Datasheet
474Kb / 16P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
logo
Bothhand USA, LP.
6T245A BOTHHAND-6T245A Datasheet
61Kb / 1P
   GENERAL PURPOSE TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com