Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM8320 Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # STM8320
Description  Dual Enhancement Mode Field Effect Transistor ( N and P Channel )
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8320 Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

Back Button STM8320 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8320 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8320 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8320 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8320 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8320 Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8320 Datasheet HTML 9Page - SamHop Microelectronics Corp. STM8320 Datasheet HTML 10Page - SamHop Microelectronics Corp. STM8320 Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
STM8320
www.samhop.com.tw
Sep,17,2008
8
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
)
Figure 11. switching characteristics
Ver 1.0
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
60
40
20
0
0
25 C
ID =-6.0A
125 C
75 C
2
4
6
8
10
80
90
100
20.0
10.0
1.0
0.25
0.5
0.75
1.0
1.25
0
1200
1000
800
600
400
200
0
0
5
10
15
20
25
30
8
10
6
4
2
0
3
6
9
12
15
18
21
24
0
100
10
1
1
6 10
60 100
60
600
300
250
T f
T r
75 C
25 C
125 C
VDS=-15V
ID=-6.0A
Ciss
Coss
Crss
VDS=-15V,ID=-6.0A
VGS=-10V
T D ( o n )
T D ( o f f )
0.1
1
10
100
V GS =10V
S ingle P uls e
T c=25 C
DC
0.1
0.05
1
10
R
DS
(O
N)
Lim
it
1m
s
100
us
80
10m
s


Similar Part No. - STM8320

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM8324 SAMHOP-STM8324 Datasheet
281Kb / 11P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel )
logo
SHENZHEN DOINGTER SEMIC...
STM8324 DOINGTER-STM8324 Datasheet
2Mb / 8P
   P-Chanel and N-Channel MOSFET use advanced trench technology
More results

Similar Description - STM8320

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com