Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ30CA Datasheet(PDF) 2 Page - MDE Semiconductor, Inc.

Part # SMAJ30CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

SMAJ30CA Datasheet(HTML) 2 Page - MDE Semiconductor, Inc.

  SMAJ30CA Datasheet HTML 1Page - MDE Semiconductor, Inc. SMAJ30CA Datasheet HTML 2Page - MDE Semiconductor, Inc. SMAJ30CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
RATING AND CHARACTERISTIC CURVES SMAJ SERIES
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
Number of Cycles at 60 Hz
50
200
TJ = TJ max,
8.3ms Single Half Sine-Wave
(JEDEC Method)
10
100
1000
10000
Measured at
Stand-Off
Voltage, VWM
TJ = 25°C
f = 1.0MHZ
Vsig = 50mVp-p
Fig.4 - Typical Junction Capacitance
1
100
200
10
Uni-Directional
Bi-Directional
VWM - Reverse Stand-Off Voltage (V)
0
12.5
25
37.5
50
62.5
75
87.5
100
0
25
50
75
100
125
150
175
200
Fig.2 - Pulse Derating Curve
0.2x0.2"(5.0x5.0mm)
Copper Pad Areas
TA - Ambient Temperature (°C)
0.1
1
10
100
10ms
0.1µs
1.0µs
10µs
100µs
1.0ms
td - Pulse Width (sec.)
Fig. 1 - Peak Pulse Power Rating
0.2x0.2"(5.0x5.0mm)
Copper Pad Areas
Non-repetitive Pulse
Wavetorm shown in Fig.3
TA = 25°C
SMAJ5.0 –
SMAJ78
SMAJ85A –
SMAJ170
t - Time(ms)
4.0
150
0
1.0
2.0
tr = 10µsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width(td)is defined
as the point where the
peak current decays to
50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
4.0
50
Half Value- IPPM
2
100
3.0
0
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
Fig. 5 - Typ.Transient Thermal Impedance
tp-Pulse Duration (sec)


Similar Part No. - SMAJ30CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ30CA DIODES-SMAJ30CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ30CA BYTES-SMAJ30CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMAJ30CA UMW-SMAJ30CA Datasheet
783Kb / 4P
   5.0V-188V 400W
logo
Anova Technologies CO.,...
SMAJ30CA ANOVA-SMAJ30CA Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Diotech Company.
SMAJ30CA DIOTECH-SMAJ30CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMAJ30CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com