Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ20CA Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # SMBJ20CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

SMBJ20CA Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  SMBJ20CA Datasheet HTML 1Page - MDE Semiconductor, Inc. SMBJ20CA Datasheet HTML 2Page - MDE Semiconductor, Inc. SMBJ20CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
600 Watt Surface Mount TVS
UNI
BI
SMBJ5.0A
SMBJ5.0CA
KE
AE
5.00
6.40
7.00
10
9.2
65.3
800
SMBJ6.0A
SMBJ6.0CA
KG
AG
6.00
6.67
7.37
10
10.3
58.3
800
SMBJ6.5A
SMBJ6.5CA
KK
AK
6.50
7.22
7.98
10
11.2
53.6
500
SMBJ7.0A
SMBJ7.0CA
KM
AM
7.00
7.78
8.60
10
12.0
50.0
200
SMBJ7.5A
SMBJ7.5CA
KP
AP
7.50
8.33
9.21
1
12.9
46.6
100
SMBJ8.0A
SMBJ8.0CA
KR
AR
8.00
8.89
9.83
1
13.6
44.2
50
SMBJ8.5A
SMBJ8.5CA
KT
AT
8.50
9.44
10.40
1
14.4
41.7
20
SMBJ9.0A
SMBJ9.0CA
KV
AV
9.00
10.00
11.10
1
15.4
39.0
10
SMBJ10A
SMBJ10CA
KX
AX
10.00
11.10
12.30
1
17.0
35.3
5
SMBJ11A
SMBJ11CA
KZ
AZ
11.00
12.20
13.50
1
18.2
33.0
5
SMBJ12A
SMBJ12CA
LE
BE
12.00
13.30
14.70
1
19.9
30.2
5
SMBJ13A
SMBJ13CA
LG
BG
13.00
14.40
15.90
1
21.5
28.0
5
SMBJ14A
SMBJ14CA
LK
BK
14.00
15.60
17.20
1
23.2
25.9
5
SMBJ15A
SMBJ15CA
LM
BM
15.00
16.70
18.50
1
24.4
24.6
5
SMBJ16A
SMBJ16CA
LP
BP
16.00
17.80
19.70
1
26.0
23.1
5
SMBJ17A
SMBJ17CA
LR
BR
17.00
18.90
20.90
1
27.6
21.8
5
SMBJ18A
SMBJ18CA
LT
BT
18.00
20.00
22.10
1
29.2
20.6
5
SMBJ20A
SMBJ20CA
LV
BV
20.00
22.20
24.50
1
32.4
18.6
5
SMBJ22A
SMBJ22CA
LX
BX
22.00
24.40
26.90
1
35.5
16.9
5
SMBJ24A
SMBJ24CA
LZ
BZ
24.00
26.70
29.50
1
38.9
15.5
5
SMBJ26A
SMBJ26CA
ME
CE
26.00
28.90
31.90
1
42.1
14.3
5
SMBJ28A
SMBJ28CA
MG
CG
28.00
31.10
34.40
1
45.4
13.3
5
SMBJ30A
SMBJ30CA
MK
CK
30.00
33.30
36.80
1
48.4
12.4
5
SMBJ33A
SMBJ33CA
MM
CM
33.00
36.70
40.60
1
53.3
11.3
5
SMBJ36A
SMBJ36CA
MP
CP
36.00
40.00
44.20
1
58.1
10.4
5
SMBJ40A
SMBJ40CA
MR
CR
40.00
44.40
49.10
1
64.5
9.3
5
SMBJ43A
SMBJ43CA
MT
CT
43.00
47.80
52.80
1
69.4
8.7
5
SMBJ45A
SMBJ45CA
MV
CV
45.00
50.00
55.30
1
72.7
8.3
5
SMBJ48A
SMBJ48CA
MX
CX
48.00
53.30
58.90
1
77.4
7.8
5
SMBJ51A
SMBJ51CA
MZ
CZ
51.00
56.70
62.70
1
82.4
7.3
5
SMBJ54A
SMBJ54CA
NE
DE
54.00
60.00
66.30
1
87.1
6.9
5
SMBJ58A
SMBJ58CA
NG
DG
58.00
64.40
71.20
1
93.6
6.5
5
SMBJ60A
SMBJ60CA
NK
DK
60.00
66.70
73.70
1
96.8
6.2
5
SMBJ64A
SMBJ64CA
NM
DM
64.00
71.10
78.60
1
103.0
5.9
5
SMBJ70A
SMBJ70CA
NP
DP
70.00
77.80
86.00
1
113.0
5.3
5
SMBJ75A
SMBJ75CA
NR
DR
75.00
83.30
92.10
1
121.0
5.0
5
SMBJ78A
SMBJ78CA
NT
DT
78.00
86.70
95.80
1
126.0
4.8
5
SMBJ85A
SMBJ85CA
NV
DV
85.00
94.40
104.00
1
137.0
4.4
5
SMBJ90A
SMBJ90CA
NX
DX
90.00
100.00
111.00
1
146
4.1
5
SMBJ100A
SMBJ100CA
NZ
DZ
100.00
111.00
123.00
1
162
3.7
5
SMBJ110A
SMBJ110CA
PE
EE
110.00
122.00
135.00
1
177
3.4
5
SMBJ120A
SMBJ120CA
PG
EG
120.00
133.00
147.00
1
193
3.1
5
SMBJ130A
SMBJ130CA
PK
EK
130.00
144.00
159.00
1
209
2.9
5
SMBJ150A
SMBJ150CA
PM
EM
150.00
167.00
185.00
1
243
2.5
5
SMBJ160A
SMBJ160CA
PP
EP
160.00
178.00
197.00
1
259
2.3
5
SMBJ170A
SMBJ170CA
PR
ER
170.00
189.00
209.00
1
275
2.2
5
SMBJ180A
SMBJ180CA
PT
ET
180.00
201.00
222.00
1
292
2.1
5
SMBJ200A
SMBJ200CA
PV
EV
200.00
224.00
247.00
1
324
1.9
5
SMBJ220A
SMBJ220CA
PX
EX
220.00
246.00
272.00
1
356
1.7
5
SMBJ250A
SMBJ250CA
PZ
EZ
250.00
279.00
309.00
1
405
1.5
5
SMBJ300A
SMBJ300CA
QE
FE
300.00
335.00
371.00
1
486
1.3
5
SMBJ350A
SMBJ350CA
QG
FG
350.00
391.00
432.00
1
567
1.1
5
SMBJ400A
SMBJ400CA
QK
FK
400.00
447.00
494.00
1
648
0.9
5
SMBJ440A
SMBJ440CA
QM
FM
440.00
492.00
543.00
1
713
0.9
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double
For parts without A , the VBR is ± 10%
Certified RoHS Compliant
UL File # E223026
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
UNI-POLAR
BI-POLAR
DEVICE
MARKING
CODE
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT


Similar Part No. - SMBJ20CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ20CA SOCAY-SMBJ20CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Bytes
SMBJ20CA BYTES-SMBJ20CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMBJ20CA UMW-SMBJ20CA Datasheet
628Kb / 4P
   5V-188V 600W
logo
HuaXinAn Electronics CO...
SMBJ20CA HUAXINAN-SMBJ20CA Datasheet
450Kb / 6P
   Transient Voltage Suppressors
logo
SeCoS Halbleitertechnol...
SMBJ20CA SECOS-SMBJ20CA Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
More results

Similar Description - SMBJ20CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com