Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM8300 Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # STM8300
Description  Dual Enhancement Mode Field Effect Transistor ( N and P Channel )
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8300 Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button STM8300 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 9Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 10Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STM8300
www.samhop.com.tw
Jul,31,2008
7
T j ( °
C )
-VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
-VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
-ID, Drain Current(A)
Tj, Junction Temperature(° C )
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(° C )
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(° C )
Figure 6. Breakdown Voltage Variation
with Temperature
P-Channel
15
12
9
6
3
0
0
0.5
1
1.5
2
2.5
3
VGS=3.5V
VGS=10V
VGS=3V
VGS=4V
15
12
9
6
3
0
0
0.9
5.4
4.5
3.6
2.7
1.8
125 C
-55 C
25 C
120
100
80
60
40
20
1
3
6
9
12
15
1
V GS =-10V
V GS =-4.5V
1.5
1.4
1.3
1.2
1.1
1.0
0
25
50
125
100
75
150
VGS=-10V
ID=-4.7A
0
1.2
1.0
-50
-25
0
25
50
75
100 125 150
VDS=VGS
ID=-250uA
0.5
0.6
0.7
0.8
0.9
1.1
-50
-25
0
25
50
75
100 125 150
1.3
1.2
1.1
1.0
0.9
0.8
0.7
ID=-250uA
VGS=-4.5V
ID=-3.7A
Ver 1.0


Similar Part No. - STM8300

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM8301 SAMHOP-STM8301 Datasheet
1,014Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8303 SAMHOP-STM8303 Datasheet
976Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8305 SAMHOP-STM8305 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8306 SAMHOP-STM8306 Datasheet
781Kb / 11P
   Dual E nhancement Mode Field Effect Transistor ( N and P Channel)
STM8309 SAMHOP-STM8309 Datasheet
512Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - STM8300

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com