Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ440A Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # SMAJ440A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

SMAJ440A Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  SMAJ440A Datasheet HTML 1Page - MDE Semiconductor, Inc. SMAJ440A Datasheet HTML 2Page - MDE Semiconductor, Inc. SMAJ440A Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
400 Watt Surface Mount TVS
UNI
BI
SMAJ5.0A
SMAJ5.0CA
AE
WE
5.00
6.40
7.00
10
9.2
43.5
800
SMAJ6.0A
SMAJ6.0CA
AG
WG
6.00
6.67
7.37
10
10.3
38.8
800
SMAJ6.5A
SMAJ6.5CA
AK
WK
6.50
7.22
7.98
10
11.2
35.7
500
SMAJ7.0A
SMAJ7.0CA
AM
WM
7.00
7.78
8.60
10
12.0
33.3
200
SMAJ7.5A
SMAJ7.5CA
AP
WP
7.50
8.33
9.21
1
12.9
31.0
100
SMAJ8.0A
SMAJ8.0CA
AR
WR
8.00
8.89
9.83
1
13.6
29.4
50
SMAJ8.5A
SMAJ8.5CA
AT
WT
8.50
9.44
10.40
1
14.4
27.8
20
SMAJ9.0A
SMAJ9.0CA
AV
WV
9.00
10.00
11.10
1
15.4
26.0
10
SMAJ10A
SMAJ10CA
AX
WX
10.00
11.10
12.30
1
17.0
23.5
5
SMAJ11A
SMAJ11CA
AZ
WZ
11.00
12.20
13.50
1
18.2
22.0
5
SMAJ12A
SMAJ12CA
BE
XE
12.00
13.30
14.70
1
19.9
20.1
5
SMAJ13A
SMAJ13CA
BG
XG
13.00
14.40
15.90
1
21.5
18.6
5
SMAJ14A
SMAJ14CA
BK
XK
14.00
15.60
17.20
1
23.2
17.2
5
SMAJ15A
SMAJ15CA
BM
XM
15.00
16.70
18.50
1
24.4
16.4
5
SMAJ16A
SMAJ16CA
BP
XP
16.00
17.80
19.70
1
26.0
15.4
5
SMAJ17A
SMAJ17CA
BR
XR
17.00
18.90
20.90
1
27.6
14.5
5
SMAJ18A
SMAJ18CA
BT
XT
18.00
20.00
22.10
1
29.2
13.7
5
SMAJ20A
SMAJ20CA
BV
XV
20.00
22.20
24.50
1
32.4
12.3
5
SMAJ22A
SMAJ22CA
BX
XX
22.00
24.40
26.90
1
35.5
11.3
5
SMAJ24A
SMAJ24CA
BZ
XZ
24.00
26.70
29.50
1
38.9
10.3
5
SMAJ26A
SMAJ26CA
CE
YE
26.00
28.90
31.90
1
42.1
9.5
5
SMAJ28A
SMAJ28CA
CG
YG
28.00
31.10
34.40
1
45.4
8.8
5
SMAJ30A
SMAJ30CA
CK
YK
30.00
33.30
36.80
1
48.4
8.3
5
SMAJ33A
SMAJ33CA
CM
YM
33.00
36.70
40.60
1
53.3
7.5
5
SMAJ36A
SMAJ36CA
CP
YP
36.00
40.00
44.20
1
58.1
6.9
5
SMAJ40A
SMAJ40CA
CR
YR
40.00
44.40
49.10
1
64.5
6.2
5
SMAJ43A
SMAJ43CA
CT
YT
43.00
47.80
52.80
1
69.4
5.8
5
SMAJ45A
SMAJ45CA
CV
YV
45.00
50.00
55.30
1
72.7
5.5
5
SMAJ48A
SMAJ48CA
CX
YX
48.00
53.30
58.90
1
77.4
5.2
5
SMAJ51A
SMAJ51CA
CZ
YZ
51.00
56.70
62.70
1
82.4
4.9
5
SMAJ54A
SMAJ54CA
RE
ZE
54.00
60.00
66.30
1
87.1
4.6
5
SMAJ58A
SMAJ58CA
RG
ZG
58.00
64.40
71.20
1
93.6
4.3
5
SMAJ60A
SMAJ60CA
RK
ZK
60.00
66.70
73.70
1
96.8
4.1
5
SMAJ64A
SMAJ64CA
RM
ZM
64.00
71.10
78.60
1
103.0
3.9
5
SMAJ70A
SMAJ70CA
RP
ZP
70.00
77.80
86.00
1
113.0
3.5
5
SMAJ75A
SMAJ75CA
RR
ZR
75.00
83.30
92.10
1
121.0
3.3
5
SMAJ78A
SMAJ78CA
RT
ZT
78.00
86.70
95.80
1
126.0
3.2
5
SMAJ85A
SMAJ85CA
RV
ZV
85.00
94.40
104.00
1
137.0
2.9
5
SMAJ90A
SMAJ90CA
RX
ZX
90.00
100.00
111.00
1
146
2.7
5
SMAJ100A
SMAJ100CA
RZ
ZZ
100.00
111.00
123.00
1
162
2.5
5
SMAJ110A
SMAJ110CA
SE
VE
110.00
122.00
135.00
1
177
2.3
5
SMAJ120A
SMAJ120CA
SG
VG
120.00
133.00
147.00
1
193
2.1
5
SMAJ130A
SMAJ130CA
SK
VK
130.00
144.00
159.00
1
209
1.9
5
SMAJ150A
SMAJ150CA
SM
VM
150.00
167.00
185.00
1
243
1.6
5
SMAJ160A
SMAJ160CA
SP
VP
160.00
178.00
197.00
1
259
1.5
5
SMAJ170A
SMAJ170CA
SR
VR
170.00
189.00
209.00
1
275
1.5
5
SMAJ180A
SMAJ180CA
ST
VT
180.00
201.00
222.00
1
292
1.4
5
SMAJ200A
SMAJ200CA
SV
VV
200.00
224.00
247.00
1
324
1.2
5
SMAJ220A
SMAJ220CA
SX
VX
220.00
246.00
272.00
1
356
1.1
5
SMAJ250A
SMAJ250CA
SZ
VZ
250.00
279.00
309.00
1
405
1.0
5
SMAJ300A
SMAJ300CA
TE
UE
300.00
335.00
371.00
1
486
0.8
5
SMAJ350A
SMAJ350CA
TG
UG
350.00
391.00
432.00
1
567
0.7
5
SMAJ400A
SMAJ400CA
TK
UK
400.00
447.00
494.00
1
648
0.6
5
SMAJ440A
SMAJ440CA
TM
UM
440.00
492.00
543.00
1
713
0.6
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is ± 10%
Certified RoHS Compliant
UL File # E223026
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
UNI-POLAR
BI-POLAR
DEVICE
MARKING
CODE
REVERSE
STANDOFF
VOLTAGE
VRWM (V)


Similar Part No. - SMAJ440A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ440A LITTELFUSE-SMAJ440A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Shanghai Yint Electroni...
SMAJ440A YINT-SMAJ440A Datasheet
1Mb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Socay Electornics Co., ...
SMAJ440A SOCAY-SMAJ440A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ440A LUGUANG-SMAJ440A Datasheet
226Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
SMAJ440A LUGUANG-SMAJ440A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
Revision:20170301-P1
More results

Similar Description - SMAJ440A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com