Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM4460 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STM4460
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4460 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STM4460 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4460 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4460 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4460 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4460 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4460 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4460 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STM4460
Ver 1.0
www.samhop.com.tw
Jun,18,2008
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
10
1
0.1
0.1
60
1
10
100
10
0u
s
R
DS
(O
N)
Li
m
it
1m
s
10
m
s
DC
72
60
48
36
24
12
0
2
4
6
8
10
0
25 C
125 C
ID=7A
75 C
20.0
10.0
1.0
0.2
0.5
0.8
1.1
1.4
1.7
75 C
25 C
125 C
10
8
6
4
2
0
0
2
4
6
8
10
12
14 16
VDS=20V
ID=7A
100
10
1
1
6 10
60 100
60
600
300
220
TD(on)
TD(off )
Tf
VDS=20V,ID=7A
VGS=10V
Tr
900
750
600
450
300
150
0
Ciss
Coss
Crss
0
5
10
15
20
25
30
V GS =10V
S ingle P uls e
T c=25 C


Similar Part No. - STM4460

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STM4460 DOINGTER-STM4460 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STM4460 VBSEMI-STM4460 Datasheet
994Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - STM4460

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com