Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5711ACSL-M3T1S Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-5711ACSL-M3T1S
Description  HALL IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5711ACSL-M3T1S Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-5711ACSL-M3T1S Datasheet HTML 1Page - Seiko Instruments Inc S-5711ACSL-M3T1S Datasheet HTML 2Page - Seiko Instruments Inc S-5711ACSL-M3T1S Datasheet HTML 3Page - Seiko Instruments Inc S-5711ACSL-M3T1S Datasheet HTML 4Page - Seiko Instruments Inc S-5711ACSL-M3T1S Datasheet HTML 5Page - Seiko Instruments Inc S-5711ACSL-M3T1S Datasheet HTML 6Page - Seiko Instruments Inc S-5711ACSL-M3T1S Datasheet HTML 7Page - Seiko Instruments Inc S-5711ACSL-M3T1S Datasheet HTML 8Page - Seiko Instruments Inc S-5711ACSL-M3T1S Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
HALL IC
Rev.2.4_00
S-5711A Series
Seiko Instruments Inc.
5
Absolute Maximum Ratings
Table 4
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VDD
VSS
−0.3 to VSS+7.0
V
Nch open drain output
VSS
−0.3 to VSS+7.0
V
Output voltage
CMOS output
VOUT
VSS
−0.3 to VDD+0.3
V
SNT-4A
300
*1
mW
Power dissipation
SOT-23-3
PD
430
*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm × 76.2 mm × t1.6 mm
(2) Name:
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Ambient Temperature (Ta) [
°C]
0
50
100
150
0
400
600
200
SNT-4A
SOT-23-3
Figure 5 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-5711ACSL-M3T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5712ACDH0-I4T1U SII-S-5712ACDH0-I4T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
S-5712ACDH0-M3T1U SII-S-5712ACDH0-M3T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
S-5712ACDH1-I4T1U SII-S-5712ACDH1-I4T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
S-5712ACDH1-I4T1U SII-S-5712ACDH1-I4T1U Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S-5712ACDH1-M3T1U SII-S-5712ACDH1-M3T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
More results

Similar Description - S-5711ACSL-M3T1S

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
   Hall sensor IC
logo
Shaoxing Devechip Micro...
SDC686 SDC-SDC686 Datasheet
273Kb / 8P
   Switch Hall IC
SDC177 SDC-SDC177 Datasheet
315Kb / 8P
   Switch Hall IC
SDC277 SDC-SDC277 Datasheet
252Kb / 8P
   Switch Hall IC
SDC477 SDC-SDC477 Datasheet
250Kb / 8P
   Switch Hall IC
SDC266 SDC-SDC266 Datasheet
228Kb / 8P
   Switch Hall IC
SDC209 SDC-SDC209 Datasheet
350Kb / 9P
   Switch Hall IC
SDC276 SDC-SDC276 Datasheet
251Kb / 8P
   Switch Hall IC
SDC141 SDC-SDC141 Datasheet
434Kb / 10P
   Switch Hall IC
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com