Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5711ACSL-I4T1G Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-5711ACSL-I4T1G
Description  HALL IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5711ACSL-I4T1G Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-5711ACSL-I4T1G Datasheet HTML 3Page - Seiko Instruments Inc S-5711ACSL-I4T1G Datasheet HTML 4Page - Seiko Instruments Inc S-5711ACSL-I4T1G Datasheet HTML 5Page - Seiko Instruments Inc S-5711ACSL-I4T1G Datasheet HTML 6Page - Seiko Instruments Inc S-5711ACSL-I4T1G Datasheet HTML 7Page - Seiko Instruments Inc S-5711ACSL-I4T1G Datasheet HTML 8Page - Seiko Instruments Inc S-5711ACSL-I4T1G Datasheet HTML 9Page - Seiko Instruments Inc S-5711ACSL-I4T1G Datasheet HTML 10Page - Seiko Instruments Inc S-5711ACSL-I4T1G Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
HALL IC
Rev.2.4_00
S-5711A Series
Seiko Instruments Inc.
7
Magnetic Characteristics
1. Product with detection of both poles
Table 7
(Ta = 25
°C, VDD = 3.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
S pole
BOPS
3.8
6.0
mT
3
Operating point
*1
N pole
BOPN
−6.0
−3.8
mT
3
S pole
BRPS
0.5
2.8
mT
3
Release point
*2
N pole
BRPN
−2.8
−0.5
mT
3
S pole
BHYSS
BHYSS = BOPS
− BRPS
1.0
mT
3
Hysteresis width
*3
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
1.0
mT
3
2. Product with detection of south pole
Table 8
(Ta = 25
°C, VDD = 3.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Operating point
*1
S pole
BOPS
3.8
6.0
mT
3
Release point
*2
S pole
BRPS
0.5
2.8
mT
3
Hysteresis width
*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
1.0
mT
3
3. Product with detection of north pole
*4
Table 9
(Ta = 25
°C, VDD = 3.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Operating point
*1
N pole
BOPN
−6.0
−3.8
mT
3
Release point
*2
N pole
BRPN
−2.8
−0.5
mT
3
Hysteresis width
*3
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
1.0
mT
3
*1. BOPN, BOPS : Operating points
The operating points are the values of magnetic flux density when the output voltage (VOUT) is inverted after the magnetic
flux density applied to the S-5711A Series by the magnet (N or S pole) is increased (the magnet is moved closer).
Even when the magnetic flux density exceeds BOPN or BOPS, VOUT retains the status.
*2. BRPN, BRPS : Release points
The release points are the values of magnetic flux density when the output voltage (VOUT) is inverted after the magnetic
flux density applied to the S-5711A Series by the magnet (N or S pole) is decreased (the magnet is moved further away).
Even when the magnetic flux density falls below BRPN or BRPS, VOUT retains the status.
*3. BHYSN, BHYSS : Hysteresis widths
BHYSN and BHYSS are the difference between BOPN and BRPN, and BOPS and BRPS, respectively.
*4. Selectable by option
Remark The unit of magnetic density mT can be converted by using the formula 1 mT = 10 Gauss.


Similar Part No. - S-5711ACSL-I4T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5712ACDH0-I4T1U SII-S-5712ACDH0-I4T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
S-5712ACDH0-M3T1U SII-S-5712ACDH0-M3T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
S-5712ACDH1-I4T1U SII-S-5712ACDH1-I4T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
S-5712ACDH1-I4T1U SII-S-5712ACDH1-I4T1U Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S-5712ACDH1-M3T1U SII-S-5712ACDH1-M3T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
More results

Similar Description - S-5711ACSL-I4T1G

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
   Hall sensor IC
logo
Shaoxing Devechip Micro...
SDC686 SDC-SDC686 Datasheet
273Kb / 8P
   Switch Hall IC
SDC177 SDC-SDC177 Datasheet
315Kb / 8P
   Switch Hall IC
SDC277 SDC-SDC277 Datasheet
252Kb / 8P
   Switch Hall IC
SDC477 SDC-SDC477 Datasheet
250Kb / 8P
   Switch Hall IC
SDC266 SDC-SDC266 Datasheet
228Kb / 8P
   Switch Hall IC
SDC209 SDC-SDC209 Datasheet
350Kb / 9P
   Switch Hall IC
SDC276 SDC-SDC276 Datasheet
251Kb / 8P
   Switch Hall IC
SDC141 SDC-SDC141 Datasheet
434Kb / 10P
   Switch Hall IC
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com