Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AC11374 Datasheet(PDF) 3 Page - Texas Instruments

Part No. 74AC11374
Description  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC11374 Datasheet(HTML) 3 Page - Texas Instruments

  74AC11374 Datasheet HTML 1Page - Texas Instruments 74AC11374 Datasheet HTML 2Page - Texas Instruments 74AC11374 Datasheet HTML 3Page - Texas Instruments 74AC11374 Datasheet HTML 4Page - Texas Instruments 74AC11374 Datasheet HTML 5Page - Texas Instruments 74AC11374 Datasheet HTML 6Page - Texas Instruments 74AC11374 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
74AC11374
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP
WITH 3-STATE OUTPUTS
SCAS214A – JULY 1987 – REVISED APRIL 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 2): DB package
0.65 W
. . . . . . . . . . . . . . . . . .
DW package
1.7 W
. . . . . . . . . . . . . . . . . .
NT package
1.3 W
. . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
_C and a board trace length of 750 mils,
except for the NT package, which has a trace length of zero.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5
5.5
V
VCC = 3 V
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VCC = 5.5 V
3.85
VCC = 3 V
0.9
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VCC = 5.5 V
1.65
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 3 V
–4
IOH
High-level output current
VCC = 4.5 V
–24
mA
VCC = 5.5 V
–24
VCC = 3 V
12
IOL
Low-level output current
VCC = 4.5 V
24
mA
VCC = 5.5 V
24
Dt/Dv
Input transition rise or fall rate
Data
0
10
ns/V
Dt/Dv
Input transition rise or fall rate
OE
0
5
ns/V
TA
Operating free-air temperature
–40
85
°C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn