Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5711A Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-5711A
Description  HALL IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5711A Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-5711A Datasheet HTML 6Page - Seiko Instruments Inc S-5711A Datasheet HTML 7Page - Seiko Instruments Inc S-5711A Datasheet HTML 8Page - Seiko Instruments Inc S-5711A Datasheet HTML 9Page - Seiko Instruments Inc S-5711A Datasheet HTML 10Page - Seiko Instruments Inc S-5711A Datasheet HTML 11Page - Seiko Instruments Inc S-5711A Datasheet HTML 12Page - Seiko Instruments Inc S-5711A Datasheet HTML 13Page - Seiko Instruments Inc S-5711A Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
HALL IC
S-5711A Series
Rev.2.4_00
Seiko Instruments Inc.
10
Operation
1. Direction of applied magnetic flux and position of Hall sensor
The S-5711A Series detects the flux density which is vertical to the marking surface.
In products with detection of both poles, the output voltage (VOUT) is inverted when the south or north pole is moved
closer to the marking surface.
In products with detection of the south pole, the output voltage (VOUT) is inverted when the south pole is moved closer to
the marking surface.
In products with detection of the north pole, the output voltage (VOUT) is inverted when the north pole is moved closer to
the marking surface.
Figures 10 and 11 show the direction in which magnetic flux is being applied.
(1) SNT-4A
(2) SOT-23-3
Marking surface
S
N
Marking surface
S
N
Figure 10
Figure 11
Figures 12 and 13 show the position of Hall sensor.
The center of this Hall sensor is located in the area indicated by a circle, which is in the center of a package as
described below.
The following also shows the distance (typ. value) between the marking surface and the chip surface of a package.
(1) SNT-4A
(2) SOT-23-3
Top view
1
4
23
0.16 mm (typ.)
The center of Hall sensor;
in this
φ 0.3 mm
1
Top view
23
0.7 mm (typ.)
The center of Hall sensor;
in this
φ 0.3 mm
Figure 12
Figure 13


Similar Part No. - S-5711A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5712ACDH0-I4T1U SII-S-5712ACDH0-I4T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
S-5712ACDH0-M3T1U SII-S-5712ACDH0-M3T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
S-5712ACDH1-I4T1U SII-S-5712ACDH1-I4T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
S-5712ACDH1-I4T1U SII-S-5712ACDH1-I4T1U Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S-5712ACDH1-M3T1U SII-S-5712ACDH1-M3T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
More results

Similar Description - S-5711A

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
   Hall sensor IC
logo
Shaoxing Devechip Micro...
SDC686 SDC-SDC686 Datasheet
273Kb / 8P
   Switch Hall IC
SDC177 SDC-SDC177 Datasheet
315Kb / 8P
   Switch Hall IC
SDC277 SDC-SDC277 Datasheet
252Kb / 8P
   Switch Hall IC
SDC477 SDC-SDC477 Datasheet
250Kb / 8P
   Switch Hall IC
SDC266 SDC-SDC266 Datasheet
228Kb / 8P
   Switch Hall IC
SDC209 SDC-SDC209 Datasheet
350Kb / 9P
   Switch Hall IC
SDC276 SDC-SDC276 Datasheet
251Kb / 8P
   Switch Hall IC
SDC141 SDC-SDC141 Datasheet
434Kb / 10P
   Switch Hall IC
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com